Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCW66F Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BCW66F
Description  NPN Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCW66F Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BCW66F Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCW66F Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BCW66F / BCW66G / BCW66H
0.8A , 75V
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
02-Jan-2013 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
75
-
-
V
IC=10µA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
45
-
-
V
IC=10mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=10µA, IC=0
Collector Cut-Off Current
ICBO
-
-
0.02
µA
VCB=45V, IE=0
Emitter Cut-Off Current
IEBO
-
-
0.02
µA
VEB=4V, IC=0
DC Current Gain
1
BCW66F
hFE (1)
35
-
-
VCE=10V, IC=0.1mA
BCW66G
50
-
-
BCW66H
80
-
-
BCW66F
hFE (2)
75
-
-
VCE=1V, IC=10mA
BCW66G
110
-
-
BCW66H
180
-
-
BCW66F
hFE (3)
100
-
250
VCE=1V, IC=100mA
BCW66G
160
-
400
BCW66H
250
-
630
BCW66F
hFE (4)
35
-
-
VCE=2V, IC=500mA
BCW66G
60
-
-
BCW66H
100
-
-
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.3
V
IC=100mA, IB=10mA
-
-
0.7
IC=500mA, IB=50mA
Base to Emitter Saturation Voltage
VBE(sat)
-
-
2
V
IC=500mA, IB=50mA
Transition Frequency
fT
100
-
-
MHz
VCE=10V, IC=20mA, f=100MHz
Collector output capacitance
Cob
-
-
12
pF
VCB=10V, IE=0, f=1MHz
Input Capacitance
Cib
-
-
80
pF
VEB=0.5V, IE=0, f=1MHz
Noise Figure
NF
-
-
10
dB
VCE=5V, IC=0.2mA, f=1KHz,
RS=1K , BW=200Hz
Note:
1.
Pulse test.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com