Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD135 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BD135
Description  NPN Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BD135 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BD135 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BD135 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BD135 / BD137 / BD139
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
07-Mar-2012 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base
Breakdown Voltage
BD135
V(BR)CBO
45
-
-
V
IC=0.1mA, IE=0
BD137
60
-
-
BD139
80
-
-
Collector to Emitter
Breakdown Voltage
BD135
VCEO(SUS)
*
45
-
-
V
IC=0.03A, IB=0
BD137
60
-
-
BD139
80
-
-
Emitter to Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=0.1mA, IC=0
Collector Cut–Off Current
ICBO
-
-
0.1
µ
A
VCB=30V, IE=0
Emitter Cut–Off Current
IEBO
-
-
10
µ
A
VEB=5V, IC=0
DC Current Gain
hFE (1)
*
40
-
250
VCE=2V, IC=150mA
hFE (2)
*
25
-
-
VCE=2V, IC=5mA
hFE (3)
*
25
-
-
VCE=2V, IC=500mA
Collector to Emitter Saturation Voltage
VCE(sat)
*
-
-
0.5
V
IC=500mA, IB=50mA
Collector Output Capacitance
VBE
*
-
-
1
V
VCE=2V, IC=500mA
*Pulse test:pulse width≦350µs, duty cycle≦2.0%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com