Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM412010 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # ESM412010
Description  Recovery Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

ESM412010 Datasheet(HTML) 2 Page - Dynex Semiconductor

  ESM412010 Datasheet HTML 1Page - Dynex Semiconductor ESM412010 Datasheet HTML 2Page - Dynex Semiconductor ESM412010 Datasheet HTML 3Page - Dynex Semiconductor ESM412010 Datasheet HTML 4Page - Dynex Semiconductor ESM412010 Datasheet HTML 5Page - Dynex Semiconductor ESM412010 Datasheet HTML 6Page - Dynex Semiconductor ESM412010 Datasheet HTML 7Page - Dynex Semiconductor ESM412010 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ESM4120
2/8
SURGE RATINGS
Conditions
Max.
Units
4.5
kA
101 x 103
A
2s
I
2t for fusing
I
2t
Surge (non-repetitive) forward current
I
FSM
Parameter
Symbol
10ms half sine; with 0% V
RRM, Tj = 125
oC
3.6
kA
64.8 x 103
A
2s
I
2t for fusing
I
2t
Surge (non-repetitive) forward current
I
FSM
10ms half sine; with 50% V
RRM, Tj = 125
oC
THERMAL AND MECHANICAL DATA
dc
Conditions
Max.
Units
oC/W
-
0.133
Anode dc
Clamping force 3.5kN
with mounting compound
Thermal resistance - case to heatsink
R
th(c-h)
0.02
Double side
-
Single side
Thermal resistance - junction to case
R
th(j-c)
Single side cooled
Symbol
Parameter
-
0.04
oC/W
oC/W
Cathode dc
-
0.147
oC/W
Double side cooled
-
0.07
oC/W
T
stg
Storage temperature range
-55
125
oC
kN
4.0
3.0
Clamping force
-
T
vj
Virtual junction temperature
On-state (conducting)
-
125
oC
Min.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com