Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4D30120D Datasheet(PDF) 1 Page - Cree, Inc

Part # C4D30120D
Description  Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4D30120D Datasheet(HTML) 1 Page - Cree, Inc

  C4D30120D Datasheet HTML 1Page - Cree, Inc C4D30120D Datasheet HTML 2Page - Cree, Inc C4D30120D Datasheet HTML 3Page - Cree, Inc C4D30120D Datasheet HTML 4Page - Cree, Inc C4D30120D Datasheet HTML 5Page - Cree, Inc C4D30120D Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
C4D30120D Rev. B
C4D30120D
Silicon Carbide Schottky Diode
Z-Rec® RectifieR
Features
• 1.2kVSchottkyRectifier
• ZeroReverseRecoveryCurrent
• High-FrequencyOperation
• Temperature-IndependentSwitching
• ExtremelyFastSwitching
Benefits
• ReplaceBipolarwithUnipolarRectifiers
• EssentiallyNoSwitchingLosses
• HigherEfficiency
• ReductionofHeatSinkRequirements
• ParallelDevicesWithoutThermalRunaway
Applications
• SwitchModePowerSupplies
• PowerFactorCorrection
• MotorDrives
Package
TO-247-3
Maximum Ratings (TC=25°Cunlessotherwisespecified)
Symbol
Parameter
Value
Unit
Test Conditions
Note
V
RRM
RepetitivePeakReverseVoltage
1200
V
V
RSM
SurgePeakReverseVoltage
1300
V
V
R
DCPeakReverseVoltage
1200
V
I
F
ContinuousForwardCurrent
(PerLeg/Device)
44/88
21.5/43
15/30
A
T
C=25˚C
T
C=135˚C
T
C=152˚C
I
FRM
RepetitivePeakForwardSurgeCurrent
68*
44*
A
T
C=25˚C,tP=10ms,HalfSinePulse
T
C=110˚C,tP=10ms,HalfSinePulse
I
FSM
Non-RepetitiveForwardSurgeCurrent
100*
85*
A
T
C=25˚C,tP=10ms,HalfSinePulse
T
C=110˚C,tP=10ms,HalfSinePulse
I
F,Max
Non-RepetitivePeakForwardCurrent
900*
750*
A
T
C=25˚C,tP=10 ms,Pulse
T
C=110˚C,tP=10 ms,Pulse
P
tot
PowerDissipation(PerLeg/Device)
220/440
95/190
W
T
C=25˚C
T
C=110˚C
T
J
OperatingJunctionRange
-55 to
+175
˚C
T
stg
StorageTemperatureRange
-55 to
+135
˚C
TO-247MountingTorque
1
8.8
Nm
lbf-in
M3Screw
6-32Screw
*
PerLeg,**PerDevice
Part Number
Package
Marking
C4D30120D
TO-247-3
C4D30120
V
RRM
=
1200 V
I
F (TC=135˚C) =43A
**
Q
c=155nC
**


Similar Part No. - C4D30120D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
C4D30120D WOLFSPEED-C4D30120D Datasheet
933Kb / 6P
Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. E, 09-2016
More results

Similar Description - C4D30120D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
Silicon Carbide Schottky Diode
2001-09-07
SDT05S60 INFINEON-SDT05S60 Datasheet
353Kb / 8P
Silicon Carbide Schottky Diode
Rev. 2.1 2005-02-17
SDP06S60 INFINEON-SDP06S60_08 Datasheet
644Kb / 9P
Silicon Carbide Schottky Diode
Rev. 2.4 2008-06-02
logo
Cree, Inc
C3D08065A CREE-C3D08065A Datasheet
544Kb / 6P
Silicon Carbide Schottky Diode
C4D08120E CREE-C4D08120E Datasheet
643Kb / 6P
Silicon Carbide Schottky Diode
C3D08065I CREE-C3D08065I Datasheet
509Kb / 6P
Silicon Carbide Schottky Diode
C3D03065E CREE-C3D03065E Datasheet
941Kb / 6P
Silicon Carbide Schottky Diode
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com