Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1UE27XK Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1UE27XK
Description  Low Voltage Operation, Compact IR Detecting Unit for Remote Control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1UE27XK Datasheet(HTML) 2 Page - Sharp Corporation

  GP1UE27XK Datasheet HTML 1Page - Sharp Corporation GP1UE27XK Datasheet HTML 2Page - Sharp Corporation GP1UE27XK Datasheet HTML 3Page - Sharp Corporation GP1UE27XK Datasheet HTML 4Page - Sharp Corporation GP1UE27XK Datasheet HTML 5Page - Sharp Corporation GP1UE27XK Datasheet HTML 6Page - Sharp Corporation GP1UE27XK Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
GP1UE26XK/27XK/28XK/28YK Series
GP1UE26XK
GP1UE260XK
GP1UE261XK
GP1UE262XK
GP1UE267XK
GP1UE27XK
GP1UE270XK
GP1UE271XK
GP1UE272XK
GP1UE277XK
GP1UE28XK
GP1UE280XK
GP1UE281XK
GP1UE282XK
GP1UE287XK
GP1UE28YK
GP1UE280YK
GP1UE281YK
GP1UE282YK
GP1UE287YK
Model No.
40
36
38
36.7
B.P.F. center frequency
56.8
Unit
kHz
s Model Line-up
Diversified models with a different B.P.F. frequency are also available.
s Outline Dimensions
GP1UE28XK Series
GP1UE28YK Series
*3 2.9
*1 2.54
*1 2.54
*3 5.8
2.9
*3
2.54
3−φ
0.8
Center of PD
1.4
1.4
2.54
1.*1 : Indicates root dimensions of connector.
2.Unspecified tolerance :
±0.3
3.Case thickness : 0.3TYP
4.*2 : Exclude sagged solder
5.*3 : If there are difficulties to insert the GP1UE28XK series on PCB,
we recommend to expand
+0.1mm from original 2.9mm.
5.6
1.25
1.25
0.5
0.8
0.8
VOUT
VCC
GND
1
2
3
12
3
1
2
3
1.8
R2.1
14.2
3.6
*23.6±0.5
17.8±
0.5
2.54
2.54
1.4
1.4
3
−φ
0.8
Example of mounting drawing
from solder side (Reference)
Example of mounting drawing
from solder side (Reference)
0.4
*11.7
*32.9
*35.8
*32.9
3.7
1.4
1.4
5.4
6.8
1.8
R2.1
2.75
5.6
VOUT
VCC
GND
1
2
3
*12.54
*12.54
0.5
0.8
0.8
1.25
1.25
Top of lenz
1.*1 : Indicates root dimensions of connector.
2.Unspecified tolerance :
±0.3
3.Case thickness : 0.3TYP
4.*2 : Exclude sagged solder
5.*3 : If there are difficulties to insert the GP1UE28YK series on PCB,
we recommend to expand
+0.1mm from original 2.9mm.
12
3
12
3
(Unit : mm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com