Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP500LSS06S Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # GP500LSS06S
Description  Single Switch IGBT Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP500LSS06S Datasheet(HTML) 2 Page - Dynex Semiconductor

  GP500LSS06S Datasheet HTML 1Page - Dynex Semiconductor GP500LSS06S Datasheet HTML 2Page - Dynex Semiconductor GP500LSS06S Datasheet HTML 3Page - Dynex Semiconductor GP500LSS06S Datasheet HTML 4Page - Dynex Semiconductor GP500LSS06S Datasheet HTML 5Page - Dynex Semiconductor GP500LSS06S Datasheet HTML 6Page - Dynex Semiconductor GP500LSS06S Datasheet HTML 7Page - Dynex Semiconductor GP500LSS06S Datasheet HTML 8Page - Dynex Semiconductor GP500LSS06S Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
GP500LSS06S
2/10
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
www.dynexsemi.com
THERMAL AND MECHANICAL RATINGS
Symbol
Conditions
DC junction to case
oC/kW
50
Max.
-
Min.
Parameter
Units
R
th(j-c)
Thermal resistance - transistor
T
stg
Storage temperature range
Transistor
oC
150
125
-
- 40
R
th(c-h)
Thermal resistance - Case to heatsink
Mounting torque 5Nm (with mounting grease)
15
-
-
Mounting - M6
Nm
5
-
-
oC/kW
T
j
Junction temperature
oC
Screw torque
Diode
oC
125
-
Electrical connections - M4
Nm
2
-
Electrical connections - M6
Nm
5
-
Thermal resistance - diode
DC junction to case
oC/kW
125
-
-
R
th(j-c)
V
CES
Collector-emitter voltage
-
DC, T
case = 25˚C
1ms, T
case = 25˚C
700
A
Test Conditions
Symbol
I
C
Gate-emitter voltage
V
GE = 0V
600
Units
V
±20
1400
Max.
Parameter
Collector current
2500
Maximum power dissipation
P
max
Commoned terminals to base plate.
AC RMS, 1 min, 50Hz
Isolation voltage
V
isol
V
2500
V
V
GES
A
I
C(PK)
W
(Transistor)
DC, T
case = 75˚C
500
A
1ms, T
case = 75˚C
A
1000
ABSOLUTE MAXIMUM RATINGS
Stresses above those listed under 'Absolute Maximum Ratings' may cause permanent damage to the device.
In extreme
conditions, as with all semiconductors, this may include potentially hazardous rupture of the package. Appropriate safety precautions
should always be followed. Exposure to Absolute Maximum Ratings may affect device reliability.
T
case = 25˚C unless stated otherwise



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com