Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR36MF11NSZ Datasheet(PDF) 7 Page - Sharp Corporation

Part # PR36MF11NSZ
Description  IT(rms) 0.6A, Non-Zero Cross type DIP 8pin Triac output SSR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR36MF11NSZ Datasheet(HTML) 7 Page - Sharp Corporation

Back Button PR36MF11NSZ Datasheet HTML 3Page - Sharp Corporation PR36MF11NSZ Datasheet HTML 4Page - Sharp Corporation PR36MF11NSZ Datasheet HTML 5Page - Sharp Corporation PR36MF11NSZ Datasheet HTML 6Page - Sharp Corporation PR36MF11NSZ Datasheet HTML 7Page - Sharp Corporation PR36MF11NSZ Datasheet HTML 8Page - Sharp Corporation PR36MF11NSZ Datasheet HTML 9Page - Sharp Corporation PR36MF11NSZ Datasheet HTML 10Page - Sharp Corporation PR36MF11NSZ Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
PR26MF1xNSZ Series
PR36MF1xNSZ Series
0
10
20
30
40
50
60
70
Ambient temperature Ta (˚C)
−25
0
50
100
Fig.1 Forward Current vs. Ambient
Temperature
Fig.2 RMS ON-state Current vs.
Ambient Temperature
Sheet No.: D4-A00401EN
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
−25
0
50
100
Ambient temperature Ta (˚C)
50
5
1
100
10
0.5
01
1.5
2
2.5
3
−25˚C
50˚C
25˚C
0˚C
Forward voltage VF (V)
Ta
=75˚C
Fig.3-a Forward Current vs.
Forward Voltage (Rank 1)
Fig.4-a Minimum Trigger Current vs.
Ambient Temperature (Rank 1)
Fig.3-b Forward Current vs.
Forward Voltage (Rank 2)
Fig.4-b Minimum Trigger Current vs.
Ambient Temperature (Rank 2)
0
2
4
6
8
12
10
−40
−20
0
20
406080
100
Ambient temperature Ta (˚C)
VD
=6V
RL
=100Ω
PR26MF11NSZ
PR36MF11NSZ
50
5
1
100
10
Forward voltage VF (V)
−25˚C
25˚C
0˚C
Ta
=75˚C
50˚C
1
0.9
1.1
1.2
1.3
1.4
1.5
0
1
2
3
4
6
5
Ambient temperature Ta (˚C)
VD
=6V
RL
=100Ω
−30
0
100
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com