Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM-R24P Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PM-R24P
Description  Ultra-small U-shaped Micro Photoelectric Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PM-R24P Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PM-R24P Datasheet HTML 1Page - List of Unclassifed Manufacturers PM-R24P Datasheet HTML 2Page - List of Unclassifed Manufacturers PM-R24P Datasheet HTML 3Page - List of Unclassifed Manufacturers PM-R24P Datasheet HTML 4Page - List of Unclassifed Manufacturers PM-R24P Datasheet HTML 5Page - List of Unclassifed Manufacturers PM-R24P Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Ultra-small U-shaped Micro Photoelectric Sensor
PM-24 SERIES
452
Selection
Guide
U-shaped
Convergent
Reflective
PM-64
PM-24
PM-44/
PM-54
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
ENDOSCOPE
LASER
MARKERS
PLC /
TERMINALS
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Type
Appearance (mm in)
Sensing range
Model No. (Note)
Output
Output operation
12
0.472
22
0.866
6 0.236
5 mm 0.197 in
(fixed)
PM-K24
NPN open-collector
transistor
Incorporated with 2 outputs:
Light-ON / Dark-ON
PM-K24P
PNP open-collector
transistor
PM-K24-R
NPN open-collector
transistor
12 0.472
10.5
0.413
13.4
0.528
PM-L24
NPN open-collector
transistor
PM-L24P
PNP open-collector
transistor
PM-L24-R
NPN open-collector
transistor
10.5 0.413
12
0.472
13.4
0.528
PM-F24
NPN open-collector
transistor
PM-F24P
PNP open-collector
transistor
PM-F24-R
NPN open-collector
transistor
10.5 0.413
12
0.472
13.4
0.528
PM-R24
NPN open-collector
transistor
PM-R24P
PNP open-collector
transistor
PM-R24-R
NPN open-collector
transistor
16
0.630
13.4
0.528
6 0.236
PM-U24
NPN open-collector
transistor
PM-U24P
PNP open-collector
transistor
PM-U24-R
NPN open-collector
transistor
3 m 9.843 ft cable length type
3 m 9.843 ft cable length type (standard: 1 m 3.281 ft) is also available. (excluding flexible cable type and PNP output type)
When ordering this type, suffix “
-C3” to the model No.
(e.g.) 3m 9.843 ft cable length type of
PM-K24 is “PM-K24-C3”.
OPTIONS
Designation
Model No.
Description
Mounting screw
MS-M2
Mounting screw with washers for the ultra-small type sensor
(50 pcs. lot). It can mount securely as it is spring washer
attached.
Mounting screw
•MS-M2
Note: The suffix “
-R” indicates a flexible cable type.
ORDER GUIDE
Starting point
The starting point can be sensed by
making a slit in the rotating body.
APPLICATIONS
Sensing the starting point on a
rotating body



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com