Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM-R24-R Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PM-R24-R
Description  Ultra-small U-shaped Micro Photoelectric Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PM-R24-R Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PM-R24-R Datasheet HTML 1Page - List of Unclassifed Manufacturers PM-R24-R Datasheet HTML 2Page - List of Unclassifed Manufacturers PM-R24-R Datasheet HTML 3Page - List of Unclassifed Manufacturers PM-R24-R Datasheet HTML 4Page - List of Unclassifed Manufacturers PM-R24-R Datasheet HTML 5Page - List of Unclassifed Manufacturers PM-R24-R Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
455 Ultra-smallU-shapedMicroPhotoelectricSensorPM-24SERIES
Selection
Guide
U-shaped
Convergent
Reflective
PM-64
PM-24
PM-44/
PM-54
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
ENDOSCOPE
LASER
MARKERS
PLC /
TERMINALS
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
PRECAUTIONS FOR PROPER USE
Refer to General precautions.
Cable extension
• Cable extension is possible up to an overall length of
100 m 328.084 ft with a 0.3 mm2, or more, cable.
However, since a voltage drop shall occur due to the cable
extension, ensure that the power supply voltage at the end
of the cable attached to the sensor is within the rating.
5 to 24 V DC
±10 %
+
–
Total cable length 100 m 328.084 ft
Supply voltage: 4.5 V or more
Cable attached
to sensor
+V
Output
0 V
Extension cable
But, when the overall cable length, including the cable
attached to the sensor, is as given below, there is no
need to confirm the voltage.
Conductor cross-
section area of
extension cable
Total cable length
0.08 to 0.1 mm2
Up to 5 m 16.404 ft
0.2 mm2
Up to 10 m 32.808 ft
0.3 mm2
Up to 20 m 65.617 ft
Others
• Since the sensor is intended for
use inside machines, no special
countermeasures have been taken
against extraneous light. Take care
that extraneous light is not directly
incident on the beam receiving section.
• Do not use during the initial transient time (50 ms) after
the power supply is switched on.
• The cable of
PM-□24-R is a flexible cable usable on a
moving base. When the sensor is mounted on a moving
base, fix the sensor cable joint so that stress is not
applied to it. (Models other than the
PM-□24-R cannot be
used on a moving base.)
• Take care that the flexibility of the
PM-□24-R cable is lost
if the ambient temperature is –10 °C +14 °F or less.
Mounting
• When fixing the sensor with screws, use M2 screws and
the tightening torque should be 0.15 N·m or less.
Further, use small, round type plain washers. (ø4.3 mm
ø0.169 in)
When using the optional mounting screw set
MS-M2, a
spring washer is included.
M2 screws
Plain washer
Outer diameter
ø4.3 mm
ø0.169 in
Spring washer
• In case the
PM-24 series is used at an ambient
temperature of +50 °C +122 °F, or more, make sure to
mount it on a metal body.
Make sure to connect terminals correctly as
the sensor does not incorporate a reverse
polarity protection circuit.
Further, the output is not incorporated with a
short-circuit protection circuit. Do not connect
it directly to a power supply or a capacitive
load. Faulty wiring may result in damage.
• Never use this product as a sensing device
for personnel protection.
• In case of using sensing devices for
personnel protection, use products which
meet laws and standards, such as OSHA,
ANSI or IEC etc., for personnel protection
applicable in each region or country.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com