Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP800FSM18 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # GP800FSM18
Description  Hi-Reliability Single Switch IGBT Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP800FSM18 Datasheet(HTML) 4 Page - Dynex Semiconductor

  GP800FSM18 Datasheet HTML 1Page - Dynex Semiconductor GP800FSM18 Datasheet HTML 2Page - Dynex Semiconductor GP800FSM18 Datasheet HTML 3Page - Dynex Semiconductor GP800FSM18 Datasheet HTML 4Page - Dynex Semiconductor GP800FSM18 Datasheet HTML 5Page - Dynex Semiconductor GP800FSM18 Datasheet HTML 6Page - Dynex Semiconductor GP800FSM18 Datasheet HTML 7Page - Dynex Semiconductor GP800FSM18 Datasheet HTML 8Page - Dynex Semiconductor GP800FSM18 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
GP800FSM18
4/10
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
www.dynexsemi.com
Units
ns
ns
mJ
ns
ns
mJ
µC
A
mJ
Max.
1200
300
300
400
300
300
240
-
-
Typ.
1000
200
200
300
200
200
180
450
120
Min.
-
-
-
-
-
-
-
-
-
Test Conditions
I
C = 800A
V
GE = ±15V
V
CE = 900V
R
G(ON) = RG(OFF) = 2.2Ω
L ~ 100nH
I
F = 800A, VR = 50% VCES,
dI
F/dt = 3500A/µs
Parameter
Turn-off delay time
Fall time
Turn-off energy loss
Turn-on delay time
Rise time
Turn-on energy loss
Diode reverse recovery charge
Diode reverse current
Diode reverse recovery energy
ELECTRICAL CHARACTERISTICS
T
case = 25˚C unless stated otherwise
Symbol
t
d(off)
t
f
E
OFF
t
d(on)
t
r
E
ON
Q
rr
I
rr
E
REC
T
case = 125˚C unless stated otherwise
Units
ns
ns
mJ
ns
ns
mJ
µC
A
mJ
Max.
1400
350
400
550
350
450
400
-
-
Typ.
1200
250
300
400
250
350
300
525
190
Min.
-
-
-
-
-
-
-
-
-
Test Conditions
I
C = 800A
V
GE = ±15V
V
CE = 900V
R
G(ON) = RG(OFF) = 2.2Ω
L ~ 100nH
I
F = 800A, VR = 50% VCES,
dI
F/dt = 3000A/µs
Parameter
Turn-off delay time
Fall time
Turn-off energy loss
Turn-on delay time
Rise time
Turn-on energy loss
Diode reverse recovery charge
Diode reverse current
Diode reverse recovery energy
Symbol
t
d(off)
t
f
E
OFF
t
d(on)
t
r
E
ON
Q
rr
I
rr
E
REC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com