Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP800FSS18 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # GP800FSS18
Description  Singles Switch IGBT Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP800FSS18 Datasheet(HTML) 1 Page - Dynex Semiconductor

  GP800FSS18 Datasheet HTML 1Page - Dynex Semiconductor GP800FSS18 Datasheet HTML 2Page - Dynex Semiconductor GP800FSS18 Datasheet HTML 3Page - Dynex Semiconductor GP800FSS18 Datasheet HTML 4Page - Dynex Semiconductor GP800FSS18 Datasheet HTML 5Page - Dynex Semiconductor GP800FSS18 Datasheet HTML 6Page - Dynex Semiconductor GP800FSS18 Datasheet HTML 7Page - Dynex Semiconductor GP800FSS18 Datasheet HTML 8Page - Dynex Semiconductor GP800FSS18 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
GP800FSS18
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
1/10
www.dynexsemi.com
FEATURES
s
Non Punch Through Silicon
s
Isolated Copper Baseplate With Al
2O3 Substrate
s
Low Inductance Internal Construction
s
Full 1800V Rating
s
800A Per Module
APPLICATIONS
s
High Power Inverters
s
Motor Controllers
s
Induction Heating
s
Resonant Converters
The Powerline range of high power modules includes dual
and single switch configurations covering voltages from 600V to
3300V and currents up to 4800A.
The GP800FSS18 is a single switch 1800V, n channel
enhancement mode, insulated gate bipolar transistor (IGBT)
module. The IGBT has a wide reverse bias safe operating area
(RBSOA) ensuring reliability in demanding applications.
The module incorporates an electrically isolated base plate
and low inductance construction enabling circuit designers to
optimise circuit layouts and utilise earthed heat sinks for safety.
ORDERING INFORMATION
Order As:
GP800FSS18
Note: When ordering, please use the complete part number.
KEY PARAMETERS
V
CES
1800V
V
CE(sat)
(typ)
3.5V
I
C
(max)
800A
I
C(PK)
(max)
1600A
GP800FSS18
Singles Switch IGBT Module
Replaces January 2000 version, DS5261-2.0
DS5261-3.1 January 2001
Fig. 1 Single switch circuit diagram
Fig. 2 Electrical connections - (not to scale)
Outline type code: F
(See package details for further information)
C2
C1
Aux C
G
Aux E
E1
E2
External connection
External connection
C1
E1
C2
E2
G
Aux E
Aux C


Similar Part No. - GP800FSS18

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP800FSS12 DYNEX-GP800FSS12 Datasheet
89Kb / 11P
Powerline N-Channel Single Switch IGBT Module Preliminary Information
More results

Similar Description - GP800FSS18

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM2400ESM17-A000 DYNEX-DIM2400ESM17-A000 Datasheet
180Kb / 10P
Single Switch IGBT Module
DIM400DDM17-A000 DYNEX-DIM400DDM17-A000 Datasheet
144Kb / 10P
Dual Switch IGBT Module
GP1200FSS18 DYNEX-GP1200FSS18 Datasheet
132Kb / 10P
Single Switch IGBT Module
GP800DDS18 DYNEX-GP800DDS18 Datasheet
135Kb / 10P
Dual Switch IGBT Module
DIM600DDM17-A000 DYNEX-DIM600DDM17-A000 Datasheet
171Kb / 10P
Dual Switch IGBT Module
DIM800NSM33-F000 DYNEX-DIM800NSM33-F000_12 Datasheet
365Kb / 8P
Single Switch IGBT Module
DIM1200FSS12-A000 DYNEX-DIM1200FSS12-A000 Datasheet
350Kb / 8P
Single Switch IGBT Module
DIM1800ESM12-A000 DYNEX-DIM1800ESM12-A000 Datasheet
331Kb / 8P
Single Switch IGBT Module
DIM1800ESS12-A000 DYNEX-DIM1800ESS12-A000 Datasheet
368Kb / 8P
Single Switch IGBT Module
DIM800XSM45-TS000 DYNEX-DIM800XSM45-TS000 Datasheet
403Kb / 8P
Single Switch IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com