Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF2805A Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # LF2805A
Description  RF Power MOSFET Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

LF2805A Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  LF2805A Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. LF2805A Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. LF2805A Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
RF Power MOSFET Transistor
5W, 500-1000MHz, 28V
M/A-COM Products
Released; RoHS Compliant
LF2805A
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Broadband Performance Curves
VDS (V)
POWER OUTPUT VS VOLTAGE
F =1.0 GHz PIN=0.5 W IDQ=50 mA
POWER OUTPUT VS POWER INPUT
VDD =28 V IDQ =50 mA
7
6
5
4
3
2
1
15
0.05
0.4
POWER INPUT (W)
1000 MHz
500MHz
7
6
5
4
3
2
1
0
10
20
0.2
1
0.6
5
0
1400 MHz
EFFICIENCY VS FREQUENCY
VDD =28 V IDQ =50.0 mA Pout =5.0 W
750
1250
FREQUENCY (MHz)
55
50
45
40
1000
500
0.8
FREQUENCY (MHz)
GAIN VS FREQUENCY
VDD=28 V IDQ=50 mA POUT=5.0 W
20
15
10
5
0
500
1000
700
1400
VPS (v)
CAPACITANCES VS VOLTAGE
F =1.0MHz
7
6
5
4
3
2
1
0
5
15
25
10
20
30
COSS
CISS
CRSS
30
25
35
1400



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com