Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3Z22VT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MM3Z22VT1G
Description  Zener Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM3Z22VT1G Datasheet(HTML) 2 Page - ON Semiconductor

  MM3Z22VT1G Datasheet HTML 1Page - ON Semiconductor MM3Z22VT1G Datasheet HTML 2Page - ON Semiconductor MM3Z22VT1G Datasheet HTML 3Page - ON Semiconductor MM3Z22VT1G Datasheet HTML 4Page - ON Semiconductor MM3Z22VT1G Datasheet HTML 5Page - ON Semiconductor MM3Z22VT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Zener Voltage Regulator
IF
V
I
IR
IZT
VR
VZ
VF
MM3ZxxxT1G Series, SZMM3ZxxxT1G Series
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
IR
Reverse Leakage Current @ VR
VR
Reverse Voltage
IF
Forward Current
VF
Forward Voltage @ IF
QVZ
Maximum Temperature Coefficient of VZ
C
Max. Capacitance @VR = 0 and f = 1 MHz
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA for all types)
Device*
Device
Marking
Zener Voltage (Note 2)
Zener Impedance
Leakage Current
QVZ
(mV/k)
@ IZT
C
@ VR = 0
f = 1 MHz
VZ (Volts)
@ IZT
ZZT
@ IZT
ZZK @ IZK
IR @ VR
Min
Nom
Max
mA
W
W
mA
mA
Volts
Min
Max
pF
MM3Z2V4T1G
00
2.2
2.4
2.6
5
100
1000
0.5
50
1.0
−3.5
0
450
MM3Z2V7T1G
01
2.5
2.7
2.9
5
100
1000
0.5
20
1.0
−3.5
0
450
MM3Z3V0T1G
02
2.8
3.0
3.2
5
100
1000
0.5
10
1.0
−3.5
0
450
MM3Z3V3T1G
05
3.1
3.3
3.5
5
95
1000
0.5
5
1.0
−3.5
0
450
MM3Z3V6T1G
06
3.4
3.6
3.8
5
90
1000
0.5
5
1.0
−3.5
0
450
MM3Z3V9T1G
07
3.7
3.9
4.1
5
90
1000
0.5
3
1.0
−3.5
−2.5
450
MM3Z4V3T1G
08
4.0
4.3
4.6
5
90
1000
0.5
3
1.0
−3.5
0
450
MM3Z4V7T1G
09
4.4
4.7
5.0
5
80
800
0.5
3
2.0
−3.5
0.2
260
MM3Z5V1T1G
0A
4.8
5.1
5.4
5
60
500
0.5
2
2.0
−2.7
1.2
225
MM3Z5V6T1G
0C
5.2
5.6
6.0
5
40
200
0.5
1
2.0
−2.0
2.5
200
MM3Z6V2T1G
0E
5.8
6.2
6.6
5
10
100
0.5
3
4.0
0.4
3.7
185
MM3Z6V8T1G
0F
6.4
6.8
7.2
5
15
160
0.5
2
4.0
1.2
4.5
155
MM3Z7V5T1G
0G
7.0
7.5
7.9
5
15
160
0.5
1
5.0
2.5
5.3
140
MM3Z8V2T1G
0H
7.7
8.2
8.7
5
15
160
0.5
0.7
5.0
3.2
6.2
135
MM3Z9V1T1G
0K
8.5
9.1
9.6
5
15
160
0.5
0.2
7.0
3.8
7.0
130
MM3Z10VT1G
0L
9.4
10
10.6
5
20
160
0.5
0.1
8.0
4.5
8.0
130
MM3Z11VT1G
0M
10.4
11
11.6
5
20
160
0.5
0.1
8.0
5.4
9.0
130
MM3Z12VT1G
0N
11.4
12
12.7
5
25
80
0.5
0.1
8.0
6.0
10
130
MM3Z13VT1G
0P
12.4 13.25
14.1
5
30
80
0.5
0.1
8.0
7.0
11
120
MM3Z15VT1G
0T
14.3
15
15.8
5
30
80
0.5
0.05
10.5
9.2
13
110
MM3Z16VT1G
0U
15.3
16.2
17.1
5
40
80
0.5
0.05
11.2
10.4
14
105
MM3Z18VT1G
0W
16.8
18
19.1
5
45
80
0.5
0.05
12.6
12.4
16
100
MM3Z20VT1G
0Z
18.8
20
21.2
5
55
100
0.5
0.05
14.0
14.4
18
85
MM3Z22VT1G
10
20.8
22
23.3
5
55
100
0.5
0.05
15.4
16.4
20
85
MM3Z24VT1G
11
22.8
24.2
25.6
5
70
120
0.5
0.05
16.8
18.4
22
80
MM3Z27VT1G
12
25.1
27
28.9
2
80
300
0.5
0.05
18.9
21.4
25.3
70
MM3Z30VT1G
14
28
30
32
2
80
300
0.5
0.05
21.0
24.4
29.4
70
MM3Z33VT1G
18
31
33
35
2
80
300
0.5
0.05
23.2
27.4
33.4
70
MM3Z36VT1G
19
34
36
38
2
90
500
0.5
0.05
25.2
30.4
37.4
70
MM3Z39VT1G
20
37
39
41
2
130
500
0.5
0.05
27.3
33.4
41.2
45
MM3Z43VT1G
21
40
43
46
2
150
500
0.5
0.05
30.1
37.6
46.6
40
MM3Z47VT1G
1A
44
47
50
2
170
500
0.5
0.05
32.9
42.0
51.8
40
MM3Z51VT1G
1C
48
51
54
2
180
500
0.5
0.05
35.7
46.6
57.2
40
MM3Z56VT1G
1D
52
56
60
2
200
500
0.5
0.05
39.2
52.2
63.8
40
MM3Z68VT1G
1F
64
68
72
2
240
500
0.5
0.05
47.6
65.6
79.8
35
MM3Z75VT1G
1G
70
75
79
2
255
500
0.5
0.05
52.5
73.4
88.6
35
*Include SZ-prefix devices where applicable.
2. Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25°C.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com