Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT070ATFT Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # INT070ATFT
Description  LCD Module Product Specification
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

INT070ATFT Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button INT070ATFT Datasheet HTML 8Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 9Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 10Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 11Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 12Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 13Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 14Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 15Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Displaytech Ltd
LCD MODULE
INT070ATFT / INT070ATFT-TS
Version: 2.1
12
Note 1:
The data are measured after LEDs are turned on for 5 minutes. LCM displays full white.
The brightness is the average value of 9 measured spots. Measurement equipment PR-705 (Φ8mm)
Measuring condition:
- Measuring surroundings: Dark room.
- Measuring temperature: Ta=25°C.
- Adjust operating voltage to get optimum contrast at the center of the display.
Measured value at the center point of LCD panel after more than 5 minutes while backlight turning on.
Note 2:
The luminance uniformity is calculated by using following formula.
L = L (Min.) / L (Max.)×100 (%)
L (Max.) = Maximum brightness in 9 measured spots
L (Min.) = Minimum brightness in 9 measured spots.
Measurement equipment PR-705 (Φ8mm)
Note 3:
The definition of viewing angle:
W/6
W/3
W/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com