Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA9264 Datasheet(PDF) 13 Page - Dynex Semiconductor

Part # MA9264
Description  Radiation Hard 8192x8 Bit Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA9264 Datasheet(HTML) 13 Page - Dynex Semiconductor

Back Button MA9264 Datasheet HTML 7Page - Dynex Semiconductor MA9264 Datasheet HTML 8Page - Dynex Semiconductor MA9264 Datasheet HTML 9Page - Dynex Semiconductor MA9264 Datasheet HTML 10Page - Dynex Semiconductor MA9264 Datasheet HTML 11Page - Dynex Semiconductor MA9264 Datasheet HTML 12Page - Dynex Semiconductor MA9264 Datasheet HTML 13Page - Dynex Semiconductor MA9264 Datasheet HTML 14Page - Dynex Semiconductor MA9264 Datasheet HTML 15Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MA9264
13/15
Function
Pin N umbe r
Option D a nd F
Via
S ta tic
1
Sta tic
2
Dyna mic Radia tion
A12
2
R
5V
0V
F14
5V
A7
3
R
5V
0V
F7
5V
A6
4
R
5V
0V
F9
5V
A5
5
R
5V
0V
F8
5V
A4
6
R
5V
0V
F11
5V
A3
7
R
5V
0V
F10
5V
A2
8
R
5V
0V
F5
5V
A1
9
R
5V
0V
F4
5V
A0
10
R
5V
0V
F3
5V
D/Q0
11
R
5V
0V
F1
5V
D/Q1
12
R
5V
0V
F1
5V
D/Q2
13
R
5V
0V
F1
5V
GND(VSS)
14
Direct
0V
0V
0V
0V
D/Q3
15
R
5V
0V
F1
5V
D/Q4
16
R
5V
0V
F1
5V
D/Q5
17
R
5V
0V
F1
5V
D/Q6
18
R
5V
0V
F1
5V
D/Q7
19
R
5V
0V
F1
5V
CSB
20
R
5V
0V
F15
5V
A10
21
R
5V
0V
F2
5V
OEB
22
R
5V
0V
F15
5V
A11
23
R
5V
0V
F6
5V
A9
24
R
5V
0V
F13
5V
A8
25
R
5V
0V
F12
5V
CE
26
R
5V
0V
F15B
5V
WB
27
R
5V
0V
F0
5V
VDD
28
Direct
5V
5V
5V
5V
1. F0=150KHz, F1=F0/2, F2=F0/4, F3=F0/8 etc.
2. Static 1, Static 2 and Dynamic: R=4k7.
3. Radiation: R=10k.
Figure 15: Burnin and Radiation Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com