Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP821 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AP821
Description  20 Watts TO-220 High Power Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP821 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AP821 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP821 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 of 2
The information contained herein does not form part of a
contract and is subject to change without notice. ARCOL
operate a policy of continual product development, therefore,
specifications may change.
It is the responsibility of the customer to ensure that the
component selected from our range is suitable for the intended
application. If in doubt please ask ARCOL..
ARCOL UK Limited,
Threemilestone Ind. Estate,
Truro, Cornwall, TR4 9LG, UK.
T +44 (0) 1872 277431
F +44 (0) 1872 222002
E sales@arcolresistors.com
www.arcolresistors.com
2/13.18
Dimensions (mm)
0.045 0.055"
(1.14 1.40mm)
0.115 0.135"
(2.92 3.44mm)
0.06 0.08"
(1.52 2.04mm)
0.19 0.21"
(4.82 5.34mm)
0.026 0.034"
(0.66 0.86mm)
0.40 0.42"
(10.15 10.67mm)
0.121 0.129"
(3.08 3.28mm)
0.016 0.024"
(0.40 0.60mm)
AP821 20 Watts TO-220 High
Power Resistors
10.15 - 10.67
3.08 - 3.28
1.14 - 1.40
4.82 - 5.34
0.66 - 0.86
2.92 - 3.44
0.40 - 0.60
1.52 - 2.04



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com