Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002PS Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 2N7002PS
Description  60 V, 320 mA N-channel Trench MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2N7002PS Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 2N7002PS Datasheet HTML 8Page - NXP Semiconductors 2N7002PS Datasheet HTML 9Page - NXP Semiconductors 2N7002PS Datasheet HTML 10Page - NXP Semiconductors 2N7002PS Datasheet HTML 11Page - NXP Semiconductors 2N7002PS Datasheet HTML 12Page - NXP Semiconductors 2N7002PS Datasheet HTML 13Page - NXP Semiconductors 2N7002PS Datasheet HTML 14Page - NXP Semiconductors 2N7002PS Datasheet HTML 15Page - NXP Semiconductors 2N7002PS Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
2N7002PS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 1 July 2010
13 of 16
NXP Semiconductors
2N7002PS
60 V, 320 mA N-channel Trench MOSFET
11. Revision history
Table 8.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
2N7002PS v.1
20100701
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com