Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDFB51 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # MDFB51
Description  Fast Recovery Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MDFB51 Datasheet(HTML) 1 Page - Dynex Semiconductor

  MDFB51 Datasheet HTML 1Page - Dynex Semiconductor MDFB51 Datasheet HTML 2Page - Dynex Semiconductor MDFB51 Datasheet HTML 3Page - Dynex Semiconductor MDFB51 Datasheet HTML 4Page - Dynex Semiconductor MDFB51 Datasheet HTML 5Page - Dynex Semiconductor MDFB51 Datasheet HTML 6Page - Dynex Semiconductor MDFB51 Datasheet HTML 7Page - Dynex Semiconductor MDFB51 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MDFB51
1/8
FEATURES
q
Double side cooling
q
High surge capability
q
Low recovery charge
APPLICATIONS
q
Freewheel Diode
q
D.C. Motor Drives
q
Welding
q
High Frequency Rectification
q
Power Supplies
VOLTAGE RATINGS
KEY PARAMETERS
V
RRM
2500V
I
F(AV)
2212A
I
FSM
24000A
Q
r
1000
µC
t
rr
6.0
µs
CURRENT RATINGS
Symbol
Parameter
Conditions
Double Side Cooled
I
F(AV)
Mean forward current
I
F(RMS)
RMS value
I
F
Continuous (direct) forward current
Single Side Cooled (Anode side)
I
F(AV)
Mean forward current
I
F(RMS)
RMS value
I
F
Continuous (direct) forward current
Units
Max.
Half wave resistive load, T
case = 65
oC
2212
A
T
case = 65
oC
3850
A
T
case = 65
oC
3560
A
Half wave resistive load, T
case = 65
oC
1627
A
T
case = 65
oC
2555
A
T
case = 65
oC
2272
A
2500
2400
2200
2000
MDFB51 25
MDFB51 24
MDFB51 22
MDFB51 20
Conditions
V
RSM
= V
RRM
+ 100V
Lower voltage grades available.
Type Number
Repetitive Peak
Reverse Voltage
V
RRM
V
Outline type code: CB486.
See Package Details for further information.
MDFB51
Fast Recovery Diode
Advance Information
Replaces March 1999 version, DS4149-4.0
DS4148-5.0 January 2000


Similar Part No. - MDFB51

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MDFB85 DYNEX-MDFB85 Datasheet
70Kb / 8P
Fast Recovery Diode
MDFB8545 DYNEX-MDFB8545 Datasheet
70Kb / 8P
Fast Recovery Diode
More results

Similar Description - MDFB51

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
logo
ABB
5SDF02D6004 ABB-5SDF02D6004 Datasheet
92Kb / 5P
Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com