Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3691CL Datasheet(PDF) 17 Page - Dynex Semiconductor

Part # MAS3691CL
Description  1553B Bus Controller/Remote Terminal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS3691CL Datasheet(HTML) 17 Page - Dynex Semiconductor

Back Button MAS3691CL Datasheet HTML 13Page - Dynex Semiconductor MAS3691CL Datasheet HTML 14Page - Dynex Semiconductor MAS3691CL Datasheet HTML 15Page - Dynex Semiconductor MAS3691CL Datasheet HTML 16Page - Dynex Semiconductor MAS3691CL Datasheet HTML 17Page - Dynex Semiconductor MAS3691CL Datasheet HTML 18Page - Dynex Semiconductor MAS3691CL Datasheet HTML 19Page - Dynex Semiconductor MAS3691CL Datasheet HTML 20Page - Dynex Semiconductor MAS3691CL Datasheet HTML 21Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
MA3690/1/3
17/41
Symbol
Description
Min.
Typ.
Max.
Units
t1
CK4 to BUS [B0:B15] VALID
235
nS
t2
CK4 to BUS [B0:B15] High Impedance
220
nS
t3
B0: B15 set up wrt STROBEN
15
nS
t4
B0: B15 hold wrt STROBEN
25
t5
VALCRN
↓ to RXCMDN ↓
3t
t6
Pulse width RXCMDN, R/WN, STATENN,
3t
BUFENN, CLDN, DLDN, MDTN, CODENN
t7
Pulse width STROBEN, GBRN, MDRN, SYNCN, IRQN
1t
t7a
RXCMDN/R/WN/STATENN/BUFENN/CLDN/DLDN
/MDTN, CODENN
↓ to STROBEN
1t
t7b
As 7a from STROBEN
1t
t8
RXCMDN
↑ to INCMD ↓
4t
t9
INCMDN
↓ to STATENN ↓
3t
t10
VALCRN pulse width
5t
t11
VALDRN
to DTRQN
1t
t12
DTRQN
to DTAKN
↓ (RXDATA)
0
3t
t13
DTAKN
to BUFENN
1t
2t
t14
DTRQN
to CLDN
24t
t15
CLDN
to GBRN
15t
16t
t16
CLDN
to STATUS valid BUS B0:B15
100
nS
t17
CLDN
to STATUS invalid on B0:B15
35
nS
t18
DTRQN
to DTAKN
0
t19
STATENN
to CLDN
↓ Non mode data
11t
12t
t20
CLDN
to DTRQN
15t
t21
DTRQN
to DTAKN
↓ (TX data)
0
54t
t22
VALDRN
to R/WN
2t
3t
t23
MDTN
to CLDN
24t
t24
CLDN
to MDRN
14t
t25
STATENN
to CLDN
↓ mode data
11t
12t
t26
CLDN
to MDTN
15t
16t
t27
MDTN
to INCMDN
77t
78t
t28
DTRQN
to INCMDN
↑ (non broadcast)
77t
78t
t29
DTRQN
to INCMDN
↑ (broadcast)
25t
t30
MDTN
to INCMDN
↑ (broadcast)
25t
t31
CLDN
to INCMDN
↑ (mode)
11t
12t
t32
CLDN
to TXENN
1t
2t
t33
TXENN/PDOUTN/NDOUTN/prop delay difference
6
nS
t34
Start of transmission to EOTN
76t12
t34a
End of transmission to EOTN
82t12
t35
End of transmission to ABORTN
1) RT1 = 0
RT0 = 0
20
uS
2) RT1 = 0
RT0 = 1
26
uS
3) RT1 = 1
RT0 = 0
48
uS
4) RT1 = 1
RT0 = 1
112
uS
t36
Minimum no response timeout
1) RT1 = 0
RT0 = 0
15.75
16.25
uS
2) RT1 = 0
RT0 = 1
21.75
22.25
uS
3) RT1 = 1
RT0 = 0
43.75
44.25
uS
4) RT1 = 1
RT0 = 1
107.75
108.25
uS
t37
Remote terminal response time
10.3
11.25
uS
t38
Minimum PUCN pulse width
20
nS
t39
PUCN
↓ to RESET ↓
90
nS
Figure 12: AC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com