Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF70 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # MF70
Description  Fast Recovery Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MF70 Datasheet(HTML) 4 Page - Dynex Semiconductor

  MF70 Datasheet HTML 1Page - Dynex Semiconductor MF70 Datasheet HTML 2Page - Dynex Semiconductor MF70 Datasheet HTML 3Page - Dynex Semiconductor MF70 Datasheet HTML 4Page - Dynex Semiconductor MF70 Datasheet HTML 5Page - Dynex Semiconductor MF70 Datasheet HTML 6Page - Dynex Semiconductor MF70 Datasheet HTML 7Page - Dynex Semiconductor MF70 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MF70
4/8
0
4
20
12
16
40
8
1
10
100
1000
Rate of change of reverse current - (A/µs)
36
32
28
24
95%
I
F = 50A
I
F = 100A
T
case = 125˚C
I
F = 50A
I
F = 100A
5%
0.55
0.6
0.7
0.8
0.9
1.0
1
10
100
1000
Rate of rise of reverse current - (A/µs)
I
F = 100A
I
F = 100A
I
F = 50A
T
case = 125˚C
1.05
I
F = 50A
95%
5%
10
100
1000
10000
Pulse width - (µs)
5000
1000
100
10000
5000
2500
1000 500
T
case = 55˚
50Hz
100
300
Fig.4 Recovery time vs dI
R
/dt
Fig.5 Recovered charge vs dI
R
/dt
Fig.6 Frequency curves - square waveform



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com