Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP02TT200 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # MP02TT200
Description  Dual Thyristor Water Cooled Module Preliminary Information
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP02TT200 Datasheet(HTML) 3 Page - Dynex Semiconductor

  MP02TT200 Datasheet HTML 1Page - Dynex Semiconductor MP02TT200 Datasheet HTML 2Page - Dynex Semiconductor MP02TT200 Datasheet HTML 3Page - Dynex Semiconductor MP02TT200 Datasheet HTML 4Page - Dynex Semiconductor MP02TT200 Datasheet HTML 5Page - Dynex Semiconductor MP02TT200 Datasheet HTML 6Page - Dynex Semiconductor MP02TT200 Datasheet HTML 7Page - Dynex Semiconductor MP02TT200 Datasheet HTML 8Page - Dynex Semiconductor MP02TT200 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MP02TT200
3/9
www.dynexsemi.com
Units
mA
V/
µs
A/
µs
V
m
Ω
Test Conditions
At V
RRM/VDRM, Tj = 125˚C
To 67% V
DRM, Tj = 125˚C
From 67% V
DRM to 200A, gate source 10V, 5Ω
t
r = 0.5µs, Tj = 125˚C
At T
vj = 125˚C
At T
vj = 125˚C
Parameter
Peak reverse and off-state current
Linear rate of rise of off-state voltage
Rate of rise of on-state current
Threshold voltage
On-state slope resistance
DYNAMIC CHARACTERISTICS
Symbol
I
RRM/IDRM
dV/dt
dI/dt
V
T(TO)
r
T
Max.
30
1000
500
0.98
0.75
Min.
-
-
-
-
-
Parameter
Gate trigger voltage
Gate trigger current
Gate non-trigger voltage
Peak forward gate voltage
Peak forward gate voltage
Peak reverse gate voltage
Peak forward gate current
Peak gate power
Mean gate power
Test Conditions
V
DRM = 5V, Tcase = 25
oC
V
DRM = 5V,
T
case = 25
oC
At V
DRM Tcase = 125
oC
Anode positive with respect to cathode
Anode negative with respect to cathode
-
Anode positive with respect to cathode
See table fig. 5
-
Symbol
V
GT
I
GT
V
GD
V
FGM
V
FGN
V
RGM
I
FGM
P
GM
P
G(AV)
GATE TRIGGER CHARACTERISTICS AND RATINGS
Max.
3
150
0.25
30
0.25
5
10
100
5
Units
V
mA
V
V
V
V
A
W
W
Note 1: The data given in this datasheet with regard to forward voltage drop is for calculation of the power dissipation in the
semiconductor elements only. Forward voltage drops measured at the power terminals of the module will be in excess of these
figures due to the impedance of the busbar from the terminal to the semiconductor.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com