Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8TH Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M8TH
Description  Load Insensitive Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M8TH Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M8TH Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M8TH Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M8TH Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Load Insensitive Mixer
Rev. V5
M8TH / M8THC
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• LO 1 TO 3400 MHz
• RF 1 TO 3400 MHz
• IF 1 TO 2000 MHz
• LO DRIVE: +23 dBm (NOMINAL)
• INSENSITIVE TO SYSTEM MISMATCH
• HIGH INTERCEPT: +29 dBm (TYP.)
Description
The M8TH is a termination insensitive mixer, designed for use in
military, wireless and test equipment applications.
The design
utilizes Schottky bridge quad diodes, broadband ferrite baluns and
internal
loads
to
provide
excellent
performance
without
degradation due to external VSWR mismatches. Environmental
screening
available
to
MIL-STD-883,
MIL-STD-202
or
MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
M8TH
TO-8
M8THC
SMA Connectorized
Electrical Specifications: Z0 = 50Ω Lo =+23 dBm (Downconverter application only)
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-54º to +85ºC*
SSB Conversion Loss
(max) & SSB Noise
Figure (max)
fR = 0.005 to 2 GHz, fL = 0.005 to 2 GHz, fI = 0.001 to 0.5 GHz
fR = 0.001 to 3.4 GHz, fL = 0.001 to 3.4 GHz, fI = 0.001 to 2 GHz
dB
dB
6.5
8.5
8.0
10.5
8.3
10.8
Isolation, L to R (min)
fL = 0.01 to 1.5 GHz
fL = 0.01 to 3.4 GHz
dB
dB
37
35
30
22
29
21
Isolation, L to I (min)
fL = 0.01 to 1.5 GHz
fL = 0.01 to 3.4 GHz
dB
dB
40
35
30
25
29
24
Isolation, R to I (min)
fR = 0.01 to 3.4 GHz
dB
21
1 dB Conversion Comp.
fL = +23 dBm
dBm
+17
Input IP3
fR1 = 1 GHz at 0 dBm, fR2 = 1.01 GHz at 0 dBm,
fL = 1.8 GHz at +22 dBm
dBm
+29
Product Image
* The M8TC specification limits apply at 0ºC to +50ºC.


Similar Part No. - M8TH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M8TH ETC-M8TH Datasheet
163Kb / 2P
LOAD INSENSITIVE MIXER
logo
Tyco Electronics
M8TH MACOM-M8TH Datasheet
329Kb / 3P
Load Insensitive Mixer
logo
M/A-COM Technology Solu...
M8TH MA-COM-M8TH Datasheet
988Kb / 3P
Load Insensitive Mixer
logo
List of Unclassifed Man...
M8THC ETC-M8THC Datasheet
163Kb / 2P
LOAD INSENSITIVE MIXER
logo
Tyco Electronics
M8THC MACOM-M8THC Datasheet
329Kb / 3P
Load Insensitive Mixer
More results

Similar Description - M8TH

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M4T MACOM-M4T Datasheet
230Kb / 3P
Load Insensitive Mixer
M4TH MACOM-M4TH Datasheet
290Kb / 3P
Load Insensitive Mixer
M8T MACOM-M8T Datasheet
327Kb / 3P
Load Insensitive Mixer
M8TH MACOM-M8TH Datasheet
329Kb / 3P
Load Insensitive Mixer
logo
M/A-COM Technology Solu...
M4T MA-COM-M4T Datasheet
529Kb / 3P
Load Insensitive Mixer
M4TH MA-COM-M4TH Datasheet
524Kb / 2P
Load Insensitive Mixer
SM4TH MA-COM-SM4TH Datasheet
67Kb / 2P
Load Insensitive Mixer
SM4T MA-COM-SM4T Datasheet
158Kb / 3P
Load Insensitive Mixer
M4TH MA-COM-M4TH Datasheet
524Kb / 2P
Load Insensitive Mixer
SM4TH MA-COM-SM4TH_15 Datasheet
472Kb / 3P
Load Insensitive Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com