Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M9HC Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M9HC
Description  Double-Balanced Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M9HC Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M9HC Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M9HC Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M9HC Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Double-Balanced Mixer
Rev. V3
M9H / M9HC
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• LO 10 TO 1600 MHz
• RF 10 TO 1500 MHz
• IF 0 TO 600 MHz
• LO DRIVE: +20 dBm (NOMINAL)
• HIGH INTERCEPT POINT: +30 dBm TYP. (UPCONV.)
+24 dBm TYP. (DOWNCONV.)
Description
The M9H is a double balanced mixer, designed for use in military,
commercial, and test equipment applications.
The design utilizes
Schottky ring quad diodes and broadband ferrite baluns to attain
excellent performance.
This mixer can also be used as a phase
detector and/or bi-phase modulator since the IF port is DC coupled to the
diodes.
Environmental
screening
is
available
to
MIL-STD-883,
MIL-STD-202, or MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
M9H
TO-8
M9HC
SMA Connectorized
Electrical Specifications: Z0 = 50Ω Lo = +20 dBm (Downconverter Application only)
Parameter
Test Conditions
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC
SSB Conversion Loss &
SSB Noise Figure (max)
fR=0.02 to 0.4 GHz, fL=0.01 to 0.6 GHz, fI=0.002 to 0.2GHz
fR=0.01 to 1.5 GHz, fL=0.01 to 1.6 GHz, fI=0.001 to 0.6GHz
fI=0.002 to 0.2 GHz
fI=0.001 to 0.6 GHz
dB
dB
dB
dB
7.0
8.0
8.5
9.0
8.0
9.0
9.0
9.5
8.3
9.3
9.3
9.8
Isolation, L to R (min)
fL = 0.01 to 0.4 GHz
fL = 0.4 to 1 GHz
fL = 1 to 1.5 GHz
dB
dB
dB
35
30
22
28
23
20
27
22
19
Isolation, L to I (min)
fL = 0.01 to 0.4 GHz
fL = 0.4 to 1 GHz
fL = 1 to 1.5 GHz
dB
dB
dB
40
22
18
28
16
13
27
15
12
1 dB Conversion
Compression
fL @ +20 dBm
dBm
+15
Input IP3
dBm
dBm
+30
+24
Isolation, R to I (min)
fL = 0.01 to 1 GHz
fL = 1 to 1.5 GHz
dB
dB
20
10
Product Image


Similar Part No. - M9HC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M9HC MACOM-M9HC Datasheet
293Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M9HC MA-COM-M9HC Datasheet
965Kb / 3P
Double-Balanced Mixer
logo
Maxtena Inc.
M9HCT-A-SMA MAXTENA-M9HCT-A-SMA Datasheet
1Mb / 4P
L1: GPS, GLONASS, GALILEO, BEIDOU
REV A
logo
M/A-COM Technology Solu...
M9HC MA-COM-M9HC_15 Datasheet
963Kb / 3P
Double-Balanced Mixer
More results

Similar Description - M9HC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M1G MA-COM-M1G Datasheet
97Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com