Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP02TT800 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # MP02TT800
Description  Dual Thyristor Water Cooled Welding Module Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP02TT800 Datasheet(HTML) 2 Page - Dynex Semiconductor

  MP02TT800 Datasheet HTML 1Page - Dynex Semiconductor MP02TT800 Datasheet HTML 2Page - Dynex Semiconductor MP02TT800 Datasheet HTML 3Page - Dynex Semiconductor MP02TT800 Datasheet HTML 4Page - Dynex Semiconductor MP02TT800 Datasheet HTML 5Page - Dynex Semiconductor MP02TT800 Datasheet HTML 6Page - Dynex Semiconductor MP02TT800 Datasheet HTML 7Page - Dynex Semiconductor MP02TT800 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MP02TT800
2/8
www.dynexsemi.com
Parameter
Max. controllable RMS line
current - single phase
Surge (non-repetitive) on-current
I2t for fusing
Surge (non-repetitive) on-current
I2t for fusing
Isolation voltage
Test Conditions
Continuous 50/60Hz
T
water (in) = 25˚C
4.5 Ltr/min
T
water (in) = 40˚C
20 cycles, 50% duty cycle
T
water (in) = 25˚C
4.5 Ltr/min
T
water (in) = 40˚C
10ms half sine, T
j = 125˚C
V
R = 0
10ms half sine, T
j = 125˚C
V
R = 50% VDRM
Commoned terminals to base plate.
AC RMS, 1 min, 50Hz
Symbol
I
LINE
I
TSM
I2t
I
TSM
I2t
V
isol
Units
A
A
A
A
kA
A2s
kA
A2s
V
Max.
510
450
920
805
6.8
0.231 x 106
5.5
0.15 x 106
3000
Test Conditions
dc, 4.5 Ltr/min
Half wave, 4.5 Ltr/min
3 Phase, 4.5 Ltr/min
Reverse (blocking)
-
Mounting - M6
Electrical connections - M6
-
Parameter
Thermal resistance - junction to water
(per thyristor)
Virtual junction temperature
Storage temperature range
Screw torque
Weight (nominal)
THERMAL AND MECHANICAL RATINGS
ABSOLUTE MAXIMUM CURRENT RATINGS
Stresses above those listed under 'Absolute Maximum Ratings' may cause permanent damage to the device. In extreme
conditions, as with all semiconductors, this may include potentially hazardous rupture of the package. Appropriate safety
precautions should always be followed. Exposure to Absolute Maximum Ratings may affect device reliability.
Symbol
R
th(j-c)
T
vj
T
stg
-
-
Units
˚C/kW
˚C/kW
˚C/kW
˚C
˚C
Nm (lb.ins)
Nm (lb.ins)
g
Max.
0.3
0.32
0.33
125
125
-
5 (44)
1200
Min.
-
-
-
-
–40
5 (44)
-
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com