Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M74
Description  Double-Balanced Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M74 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M74 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M74 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M74 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Double-Balanced Mixer
Rev. V3
M74 / M74C
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• LO 5 TO 18 GHz
• RF 7 TO 18 GHz
• IF DC TO 3 GHz
• LO DRIVE: +10 dBm (NOMINAL)
• VERY SMALL PACKAGE
Description
The M74 is a double balanced mixer, designed for use in military,
commercial and test equipment applications. The design utilizes
Schottky ring quad diodes and broadband soft dielectric and
ferrite baluns to attain excellent performance. This mixer can also
be used as a phase detector and/or bi-phase modulator since the
IF port is DC coupled to the diodes. The use of high temperature
solder and welded assembly processes used internally makes it
ideal for use in manual, semi-automated assembly. Environmental
screening
available
to
MIL-STD-883,
MIL-STD-202,
or
MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
M74
Minpac
M74C
SMA Connectorized
Electrical Specifications: Z0 = 50Ω Lo = +10 dBm (Downconverter application only)
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-54º to +85ºC
SSB Conversion Loss
(max) & SSB Noise
Figure (max)
fR = 7 to 16 GHz, fL = 6 to 17 GHz, fI = 0.03 to 1 GHz
fR = 7 to 16 GHz, fL = 5 to 18 GHz, fI = 0.03 to 2 GHz
fR = 8 to 16 GHz, fL = 5 to 16 GHz, fI = 0.03 to 3 GHz
fR = 16 to 18 GHz, fL = 13 to 18 GHz, fI = 0.03 to 3 GHz
dB
dB
dB
dB
5.5
6.0
6.5
7.0
7.0
8.0
8.5
9.0
7.5
8.5
9.0
9.5
Isolation, L to R (min)
fL = 5 to 14 GHz
fL = 14 to 18 GHz
dB
dB
40
30
22
10
20
8
Isolation, L to I (min)
fL = 5 to 8 GHz
fL = 8 to 18 GHz
dB
dB
25
25
15
15
13
13
1 dB Conversion Comp.
fL = +10 dBm
dBm
+4
Input IP3
fR1=13 GHz at –6 dBm,fR2=13.01GHz at –6 dBm,
fL = 14 GHz at = +10 dBm
dBm
+11
Product Image


Similar Part No. - M74

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M74 MACOM-M74 Datasheet
117Kb / 2P
DOUBLE-BALANCED MIXER
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M74 MA-COM-M74 Datasheet
1Mb / 3P
Double-Balanced Mixer
logo
List of Unclassifed Man...
M740 ETC-M740 Datasheet
150Kb / 4P
INTEGRATED CIRCUITS
logo
ML Accessories Limited....
M7400 KNIGHTSBRIDGE-M7400 Datasheet
225Kb / 1P
Metal Clad Telephone Extension Socket
11/04/2024
More results

Similar Description - M74

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M1G MA-COM-M1G Datasheet
97Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com