Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD24-15 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GD24-15
Description  Client Side Antennas
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GD24-15 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GD24-15 Datasheet HTML 3Page - List of Unclassifed Manufacturers GD24-15 Datasheet HTML 4Page - List of Unclassifed Manufacturers GD24-15 Datasheet HTML 5Page - List of Unclassifed Manufacturers GD24-15 Datasheet HTML 6Page - List of Unclassifed Manufacturers GD24-15 Datasheet HTML 7Page - List of Unclassifed Manufacturers GD24-15 Datasheet HTML 8Page - List of Unclassifed Manufacturers GD24-15 Datasheet HTML 9Page - List of Unclassifed Manufacturers GD24-15 Datasheet HTML 10Page - List of Unclassifed Manufacturers GD24-15 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Part #
Part #
Part #
Part #
Freq.(MHz)
Freq.(MHz)
Freq.(MHz)
Freq.(MHz)
Gain
Gain
Gain
Gain
BW
BW
BW
BW
Front/Back
Front/Back
Front/Back
Front/Back
Polarity
Polarity
Polarity
Polarity
Downtilt
Downtilt
Downtilt
Downtilt
Weight/
Weight/
Weight/
Weight/
Dims
Dims
Dims
Dims
SAH9
SAH9
SAH9
SAH9----120
120
120
120----12
12
12
12
902-928
12
120
>14dB
Horiz.
5-10deg
22Lb
62x 8x 2
SA9
SA9
SA9
SA9----120
120
120
120----13
13
13
13
902-928
13
120
>21dB
Vert.
10deg
31Lb
53x11x5
SA24
SA24
SA24
SA24----90
90
90
90----9
99
9
2400-2485
9
90 (H)
40 (V)
>25dB
Vert.
45deg
1.6Lb
10x6x2.5
SA24
SA24
SA24
SA24----120
120
120
120----9
99
9
2400-2485
9
120(H)
40(V)
>25dB
Vert.
45deg
1.6Lb.
10x6x2.5
SA24
SA24
SA24
SA24----180
180
180
180----12
12
12
12
2400-2485
12
180(H)
10(V)
>15dB
Vert.
10deg
3Lb.
40x3x3
SA24
SA24
SA24
SA24----180
180
180
180----14
14
14
14
2400-2485
14
180(H)
10(V)
>25dB
Vert.
10deg
11Lb.
40x10.25x7
SA24
SA24
SA24
SA24----45
45
45
45----20
20
20
20----WB
WB
WB
WB
2300-2700
20
45
>25dB
Vert.
30deg.
8.4Lb
34x7x3.5
SA24
SA24
SA24
SA24----60
60
60
60----17
17
17
17----WB
WB
WB
WB
2300-2700
17
60
>25dB
Vert.
30deg.
6.6Lb
33.5x6.5 x2.5
SA24
SA24
SA24
SA24----120
120
120
120----16
16
16
16----WB
WB
WB
WB
2300-2700
16
120(H)
7(V)
>25dB
Vert.
10deg
9.9Lb.
38x6.5x2.5
SA24
SA24
SA24
SA24----90
90
90
90----17
17
17
17----WB
WB
WB
WB
2300-2700
17
90(H)
7(V)
>25dB
Vert.
10deg
9.9Lb.
38x6.5x2.5
SAH24
SAH24
SAH24
SAH24----12
12
12
12
2400-2485
12
95(H)
18(V)
>14dB
Horiz.
10deg
6Lb.
23x4x1
SAH24
SAH24
SAH24
SAH24----16
16
16
16
2400-2485
16
95(H)
7(V)
>14dB
Horiz.
10deg
9Lb.
50x4x1
SO24
SO24
SO24
SO24----120x3
120x3
120x3
120x3----15
15
15
15
2400-2485
15
360(H)
6.5(V)
>15dB
Vert.
2deg
14Lb.
40x6.5
SAH35
SAH35
SAH35
SAH35----90
90
90
90----16
16
16
16
3300-3600
17
90 (H)
6.5 (V)
>16dB
Horiz.
30deg
10Lb
35.5x4.7x2.4
SA49
SA49
SA49
SA49----90
90
90
90----16
16
16
16
4900-4990
16
90 (H)
9 (V)
>25dB
Vert.
10deg
5.7Lb.
20x6x2.4
SA58
SA58
SA58
SA58----90
90
90
90----17
17
17
17----WB
WB
WB
WB
5470-5850
17
90(H)
7 (V)
>23dB
Vert.
15deg
2.6Lb
SA58
SA58
SA58
SA58----120
120
120
120----16
16
16
16----WB
WB
WB
WB
5470-5850
16
120(H)
7 (V)
>21dB
Vert.
15deg
2.6Lb
SAH58
SAH58
SAH58
SAH58----90
90
90
90----17
17
17
17----WB
WB
WB
WB
5470-5850
17
90(H)
8(V)
>25dB
Horiz.
30deg
10Lb.
28.6.5x2.5
SAH58
SAH58
SAH58
SAH58----120
120
120
120----16
16
16
16----WB
WB
WB
WB
5470-5850
16
120(H)
8(V)
>25dB
Horiz.
30deg
10Lb.
28.6.5x2.5
Sector Antennas
Base Station Antennas
7
7
7
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com