Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP02/190-14 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # MP02/190-14
Description  Phase Control Dual SCR, SCR/Diode Modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP02/190-14 Datasheet(HTML) 3 Page - Dynex Semiconductor

  MP02/190-14 Datasheet HTML 1Page - Dynex Semiconductor MP02/190-14 Datasheet HTML 2Page - Dynex Semiconductor MP02/190-14 Datasheet HTML 3Page - Dynex Semiconductor MP02/190-14 Datasheet HTML 4Page - Dynex Semiconductor MP02/190-14 Datasheet HTML 5Page - Dynex Semiconductor MP02/190-14 Datasheet HTML 6Page - Dynex Semiconductor MP02/190-14 Datasheet HTML 7Page - Dynex Semiconductor MP02/190-14 Datasheet HTML 8Page - Dynex Semiconductor MP02/190-14 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MP02 XXX 190 Series
3/10
Symbol
Parameter
Conditions
Gate non-trigger voltage
V
Units
Max.
3.0
0.2
Typ.
mA
V
V
GD
Gate trigger voltage
200
V
GT
I
GT
Gate trigger current
V
DRM = 5V,
T
case = 25
oC
V
DRM = 5V,
T
case = 25
oC, R
L = 6Ω
V
DRM = 5V, Tcase = 25
oC, R
L = 6Ω
-
-
-
V
RGM
Peak reverse gate voltage
V
5.0
-
A
-4
I
FGM
Peak forward gate current
Anode positive with respect to cathode
P
GM
P
G(AV)
Peak gate power
Mean gate power
-
-
16
3
W
W
Part number is made up as follows:
MP02 HBT 190 - 16
MP
= Pressure contact module
02
= Outline type
HBT = Circuit configuration code (see "circuit options" - front page)
175
= Nominal average current rating at T
case = 75
oC
16
= V
RRM/100
Note: Diode ratings and characteristics are comparable with SCR in types HBP or HBN.
Types HBP or HBN can also be supplied with diode polarity reversed, to special order.
Examples:
MP02 HBP190-14
MP02 HBN190-12
Adequate heatsinking is required to maintain the base
temperature at 75
oC if full rated current is to be achieved.
Power dissipation may be calculated by use of V
T(TO) and rT
information in accordance with standard formulae. We can
provide assistance with calculations or choice of heatsink if
required.
The heatsink surface must be smooth and flat; a surface finish
of N6 (32
µin) and a flatness within 0.05mm (0.002") are
recommended.
Immediately prior to mounting, the heatsink surface should be
lightly scrubbed with fine emery, Scotch Brite or a mild
chemical etchant and then cleaned with a solvent to remove
oxide build up and foreign material. Care should be taken to
ensure no foreign particles remain.
An even coating of thermal compound (eg. Unial) should be
applied to both the heatsink and module mounting surfaces.
This should ideally be 0.05mm (0.002") per surface to ensure
optimum thermal performance.
After application of thermal compound, place the module
squarely over the mounting holes, (or 'T' slots) in the heatsink.
Using a torque wrench, slowly tighten the recommended fixing
bolts at each end, rotating each in turn no more than 1/4 of a
revolution at a time. Continue until the required torque of 6Nm
(55lb.ins) is reached at both ends.
It is not acceptable to fully tighten one fixing bolt before starting
to tighten the others. Such action may DAMAGE the module.
GATE TRIGGER CHARACTERISTICS AND RATINGS
ORDERING INSTRUCTIONS
MOUNTING RECOMMENDATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com