Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP02/260-10 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # MP02/260-10
Description  Dual Diode Modules
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP02/260-10 Datasheet(HTML) 1 Page - Dynex Semiconductor

  MP02/260-10 Datasheet HTML 1Page - Dynex Semiconductor MP02/260-10 Datasheet HTML 2Page - Dynex Semiconductor MP02/260-10 Datasheet HTML 3Page - Dynex Semiconductor MP02/260-10 Datasheet HTML 4Page - Dynex Semiconductor MP02/260-10 Datasheet HTML 5Page - Dynex Semiconductor MP02/260-10 Datasheet HTML 6Page - Dynex Semiconductor MP02/260-10 Datasheet HTML 7Page - Dynex Semiconductor MP02/260-10 Datasheet HTML 8Page - Dynex Semiconductor MP02/260-10 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MP02 XX 260 Series
1/9
Code
Circuit
HB
G
GN
Halfwave, resistive load
Symbol
Parameter
Units
240
A
Conditions
A
T
case = 75
oC
T
heatsink = 75
oC
T
heatsink = 85
oC
T
case = 85
oC
T
case = 75
oC
I
F(RMS)
RMS value
A
420
Mean forward current
Repetitive
Peak
Voltages
V
RRM
Type
Number
Conditions
MP02/260-16
MP02/260-14
MP02/260-12
MP02/260-10
T
vj = 150
oC
I
RM
= 30mA
V
RSM
= V
RRM
+ 100V
1600
1400
1200
1000
Lower voltage grades available. For full description of part
numbers see "Ordering instructions" on page 3.
I
F(AV)
Module outline type code: MP02.
See Package Details for further information.
12
3
Max.
267
A
216
A
192
VOLTAGE RATINGS
CURRENT RATINGS - PER ARM
PACKAGE OUTLINE
CIRCUIT OPTIONS
KEY PARAMETERS
V
RRM
1600V
I
FSM
8100A
I
F(AV) (per arm)
267A
V
isol
2500V
FEATURES
s Dual Device Module
s Electrically Isolated Package
s Pressure Contact Construction
s International Standard Footprint
s Alumina (non-toxic) Isolation Medium
APPLICATIONS
s Rectifier Bridges
s DC Power Bridges
s Plating Rectifiers
s Traction Systems
MP02 XX 260 Series
Dual Diode Modules
Replaces December 1998 version, DS5102-3.0
DS5102-4.0 January 2000


Similar Part No. - MP02/260-10

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP02/190-12 DYNEX-MP02/190-12 Datasheet
100Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
MP02/190-14 DYNEX-MP02/190-14 Datasheet
100Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
MP02/190/10 DYNEX-MP02/190/10 Datasheet
100Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
More results

Similar Description - MP02/260-10

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP02XX130 DYNEX-MP02XX130 Datasheet
87Kb / 9P
Dual Diode Modules
MP02XX175 DYNEX-MP02XX175 Datasheet
85Kb / 9P
Dual Diode Modules
MP02XX280 DYNEX-MP02XX280 Datasheet
90Kb / 9P
Dual Diode Modules
MP03XX260 DYNEX-MP03XX260 Datasheet
94Kb / 9P
Dual Diode Modules
MP03XX280 DYNEX-MP03XX280 Datasheet
109Kb / 9P
Dual Diode Modules
MP03XX440 DYNEX-MP03XX440 Datasheet
101Kb / 10P
Dual Diode Modules
logo
Powerex Power Semicondu...
ED41 POWEREX-ED41 Datasheet
594Kb / 10P
Dual SCR/Diode Isolated modules
logo
American Microsemicondu...
CD2412 AMMSEMI-CD2412 Datasheet
1Mb / 3P
CN* Fast Recovery Dual Diode Modules
CN2412 AMMSEMI-CN2412 Datasheet
1Mb / 3P
CN* Fast Recovery Dual Diode Modules
logo
Inchange Semiconductor ...
MDD710-26N2 ISC-MDD710-26N2 Datasheet
295Kb / 3P
Dual Diode Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com