Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5409 Datasheet(PDF) 4 Page - NEC

Part # 2SC5409
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE HIGH-GAIN AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5409 Datasheet(HTML) 4 Page - NEC

  2SC5409 Datasheet HTML 1Page - NEC 2SC5409 Datasheet HTML 2Page - NEC 2SC5409 Datasheet HTML 3Page - NEC 2SC5409 Datasheet HTML 4Page - NEC 2SC5409 Datasheet HTML 5Page - NEC 2SC5409 Datasheet HTML 6Page - NEC 2SC5409 Datasheet HTML 7Page - NEC 2SC5409 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC5409
4
S PARAMETER
VCE = 2 V IC = 3 mA
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.000
0.907
–11.3
7.343
170.3
0.013
81.4
0.977
–7.0
200.000
0.887
–22.7
7.221
161.1
0.026
73.9
0.960
–13.9
300.000
0.861
–33.6
6.963
152.8
0.034
66.4
0.929
–20.6
400.000
0.826
–45.1
6.563
143.9
0.045
62.4
0.894
–27.1
500.000
0.788
–54.5
6.506
134.8
0.053
55.1
0.860
–33.3
600.000
0.740
–65.4
6.264
128.6
0.062
50.1
0.815
–38.4
700.000
0.700
–75.2
5.775
120.4
0.067
44.8
0.772
–43.2
800.000
0.659
–84.6
5.644
113.8
0.073
41.1
0.734
–48.1
900.000
0.621
–94.5
5.314
108.4
0.076
35.9
0.691
–51.9
1 000.000
0.585
–103.3
4.924
101.7
0.078
33.6
0.658
–56.1
1 100.000
0.555
–112.1
4.705
95.6
0.080
29.9
0.621
–59.8
1 200.000
0.532
–121.0
4.442
90.9
0.083
27.3
0.592
–63.0
1 300.000
0.508
–129.0
4.230
85.7
0.083
24.7
0.565
–66.2
1 400.000
0.492
–137.3
3.978
81.1
0.083
23.6
0.545
–69.7
1 500.000
0.483
–145.3
3.795
76.4
0.083
21.8
0.522
–72.7
1 600.000
0.473
–153.1
3.615
72.9
0.083
19.9
0.504
–75.9
1 700.000
0.472
–160.0
3.372
69.1
0.083
19.7
0.490
–79.1
1 800.000
0.469
–167.1
3.237
63.7
0.084
17.4
0.476
–82.5
1 900.000
0.469
–173.9
3.106
60.8
0.082
16.3
0.461
–85.7
2 000.000
0.472
179.9
2.932
56.9
0.083
17.0
0.456
–89.2
2 100.000
0.479
173.9
2.825
52.9
0.084
16.1
0.446
–92.3
2 200.000
0.482
168.5
2.706
49.4
0.083
15.3
0.438
–96.1
2 300.000
0.495
163.1
2.607
46.0
0.082
14.5
0.435
–99.5
2 400.000
0.504
157.8
2.479
42.3
0.083
15.0
0.432
–103.7
2 500.000
0.512
153.7
2.403
37.4
0.080
14.7
0.429
–106.9
2 600.000
0.523
148.9
2.361
34.8
0.082
15.4
0.428
–110.8
VCE = 2 V IC = 20 mA
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.000
0.591
–30.8
33.233
157.5
0.010
76.4
0.877
–17.3
200.000
0.530
–58.2
28.692
139.8
0.018
65.2
0.773
–31.4
300.000
0.475
–80.8
24.362
126.3
0.024
59.7
0.666
–41.4
400.000
0.428
–100.1
20.644
115.9
0.028
54.2
0.573
–49.6
500.000
0.400
–115.3
17.561
107.9
0.032
51.9
0.504
–55.1
600.000
0.380
–128.9
15.258
101.2
0.035
51.0
0.446
–59.4
700.000
0.368
–140.5
13.430
95.6
0.038
50.1
0.403
–62.8
800.000
0.361
–150.7
11.977
90.7
0.040
49.1
0.369
–66.2
900.000
0.359
–159.9
10.742
86.1
0.043
49.4
0.339
–68.9
1 000.000
0.359
–167.9
9.780
82.1
0.046
49.5
0.319
–72.1
1 100.000
0.362
–174.9
8.924
78.4
0.049
48.7
0.297
–75.2
1 200.000
0.368
178.6
8.211
74.9
0.051
48.9
0.281
–77.9
1 300.000
0.373
172.9
7.608
71.4
0.054
48.8
0.268
–81.0
1 400.000
0.381
167.3
7.103
68.3
0.058
48.6
0.260
–84.7
1 500.000
0.392
162.4
6.621
65.1
0.060
48.1
0.248
–87.9
1 600.000
0.401
157.7
6.229
61.9
0.064
47.6
0.242
–91.9
1 700.000
0.410
153.9
5.884
59.2
0.067
47.2
0.239
–95.6
1 800.000
0.422
150.0
5.555
56.0
0.070
46.4
0.234
–99.9
1 900.000
0.431
146.1
5.256
53.0
0.073
45.9
0.230
–104.0
2 000.000
0.442
142.8
4.992
50.1
0.075
45.0
0.234
–108.7
2 100.000
0.455
139.7
4.755
47.3
0.078
44.3
0.232
–112.7
2 200.000
0.466
136.5
4.540
44.6
0.082
43.6
0.233
–118.4
2 300.000
0.480
134.0
4.335
41.7
0.084
42.8
0.238
–122.5
2 400.000
0.492
131.1
4.139
38.9
0.087
41.7
0.243
–128.0
2 500.000
0.502
128.6
3.972
36.1
0.090
40.6
0.244
–132.0
2 600.000
0.516
126.0
3.796
33.2
0.093
39.7
0.252
–136.4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com