Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP02/190/10 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # MP02/190/10
Description  Phase Control Dual SCR, SCR/Diode Modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP02/190/10 Datasheet(HTML) 4 Page - Dynex Semiconductor

  MP02/190/10 Datasheet HTML 1Page - Dynex Semiconductor MP02/190/10 Datasheet HTML 2Page - Dynex Semiconductor MP02/190/10 Datasheet HTML 3Page - Dynex Semiconductor MP02/190/10 Datasheet HTML 4Page - Dynex Semiconductor MP02/190/10 Datasheet HTML 5Page - Dynex Semiconductor MP02/190/10 Datasheet HTML 6Page - Dynex Semiconductor MP02/190/10 Datasheet HTML 7Page - Dynex Semiconductor MP02/190/10 Datasheet HTML 8Page - Dynex Semiconductor MP02/190/10 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MP02 XXX 190 Series
4/10
100
10
1.0
0.1
0.001
0.01
0.1
1.0
10
Gate trigger current I
GT - (A)
T
j = 125˚C
T
j = 25˚C
Upper
limit
99%
Lower
limit
1%
V
FGM
V
GD
I
FGM
5W
10W
50W
75W
100W
Pulse
Width
µs
20
25
100
500
1ms
10ms
50
100
100
100
100
100
10
100
100
100
100
100
50
-
400
100
100
100
25
-
-
Pulse Frequency Hz Table gives pulse power P
GM in watts
0
1.0
2.0
3.0
4.0
Instantaneous on-state voltage V
T - (V)
2500
2000
1500
1000
500
0
T
j = 125˚C
CURVES
Fig. 1 Maximum (limit) on-state characteristics (thyristor or diode) - See Note 1
Fig. 2 Gate trigger characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com