Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP03/260-16 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # MP03/260-16
Description  Dual Diode Modules
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP03/260-16 Datasheet(HTML) 2 Page - Dynex Semiconductor

  MP03/260-16 Datasheet HTML 1Page - Dynex Semiconductor MP03/260-16 Datasheet HTML 2Page - Dynex Semiconductor MP03/260-16 Datasheet HTML 3Page - Dynex Semiconductor MP03/260-16 Datasheet HTML 4Page - Dynex Semiconductor MP03/260-16 Datasheet HTML 5Page - Dynex Semiconductor MP03/260-16 Datasheet HTML 6Page - Dynex Semiconductor MP03/260-16 Datasheet HTML 7Page - Dynex Semiconductor MP03/260-16 Datasheet HTML 8Page - Dynex Semiconductor MP03/260-16 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MP03 XX 260 Series
2/9
Symbol
Parameter
Conditions
Max.
Units
A
Symbol
Parameter
Conditions
V
Units
Max.
mA
Forward voltage
30
V
FM
I
RM
Peak reverse current
At V
RRM, Tj = 150
oC
At 600A, T
case = 25
oC
V
R = 0
V
R = 50% VRRM
V
R = 0
V
R = 50% VRRM
A
2s
A
2s
A
I
2t for fusing
Surge (non-repetitive) forward current
I
FSM
Symbol
Parameter
Conditions
oC/W
Units
oC/W
oC/W
Thermal resistance - case to heatsink
per Diode
R
th(c-hs)
R
th(j-c)
Virtual junction temperature
T
vj
oC
oC
T
sto
Storage temperature range
Mounting torque = 5Nm
with mounting compound
3 phase
halfwave
dc
Commoned terminals to base plate
AC RMS, 1min, 50Hz
Max.
0.22
0.23
150
m
Ω
0.667
At T
vj = 150
oC
r
T
On-state slope resistance
V
TO
Threshold voltage
V
0.84
At T
vj = 150
oC
Thermal resistance - junction to case
per Diode
Isolation voltage
V
isol
2.5
kV
0.05
10ms half sine;
T
j = 150˚C
10ms half sine;
T
j = 150˚C
I
2t
-40 to 150
8100
6500
211000
328000
0.21
oC/W
1.3
SURGE RATINGS - PER ARM
THERMAL & MECHANICAL RATINGS
CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com