Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP03/260-14 Datasheet(PDF) 7 Page - Dynex Semiconductor

Part # MP03/260-14
Description  Dual Diode Modules
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP03/260-14 Datasheet(HTML) 7 Page - Dynex Semiconductor

  MP03/260-14 Datasheet HTML 1Page - Dynex Semiconductor MP03/260-14 Datasheet HTML 2Page - Dynex Semiconductor MP03/260-14 Datasheet HTML 3Page - Dynex Semiconductor MP03/260-14 Datasheet HTML 4Page - Dynex Semiconductor MP03/260-14 Datasheet HTML 5Page - Dynex Semiconductor MP03/260-14 Datasheet HTML 6Page - Dynex Semiconductor MP03/260-14 Datasheet HTML 7Page - Dynex Semiconductor MP03/260-14 Datasheet HTML 8Page - Dynex Semiconductor MP03/260-14 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MP03 XX 260 Series
7/9
040
80
0
1200
0
200
400
600
800
1000
1400
600
400
200
R- Load
20
60
100
Maximum ambient temperature - (˚C)
D.C. output current - (A)
L- Load
0.02
0.04
0.40
0.30
0.20
0.15
0.12
0.10
0.08
R
th(hs-a) ˚C/W
120
140
0.01
040
80
0
1200
0
200
400
600
800
1000
1400
500
400
200
20
60
100
Maximum ambient temperature - (˚C)
D.C. output current - (A)
0.02
0.04
0.40
0.30
0.20
0.15
0.12
0.10
0.08
R
th(hs-a) ˚C/W
120
140
160
R & L - Load
0.01
Fig. 6 50/60Hz single phase bridge dc output current vs power loss and maximum permissible ambient temperature for
various values of heatsink thermal resistance.
(Note: R
th(hs-a) values given above are true heatsink thermal resistances to ambient and already account for Rth(c-hs) module contact thermal).
Fig. 7 50/60Hz 3- phase bridge dc output current vs power loss and maximum permissible ambient temperature for various
values of heatsink thermal resistance.
(Note: R
th(hs-a) values given above are true heatsink thermal resistances to ambient and already account for Rth(c-hs) module contact thermal).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com