Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP03/175-16 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # MP03/175-16
Description  Phase Control Dual SCR, SCR/Diode Modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP03/175-16 Datasheet(HTML) 2 Page - Dynex Semiconductor

  MP03/175-16 Datasheet HTML 1Page - Dynex Semiconductor MP03/175-16 Datasheet HTML 2Page - Dynex Semiconductor MP03/175-16 Datasheet HTML 3Page - Dynex Semiconductor MP03/175-16 Datasheet HTML 4Page - Dynex Semiconductor MP03/175-16 Datasheet HTML 5Page - Dynex Semiconductor MP03/175-16 Datasheet HTML 6Page - Dynex Semiconductor MP03/175-16 Datasheet HTML 7Page - Dynex Semiconductor MP03/175-16 Datasheet HTML 8Page - Dynex Semiconductor MP03/175-16 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MP03 XXX 175 Series
2/10
Symbol
Parameter
Conditions
Max.
Units
V
R = 0
A
2s
A
2s
6800
5500
I
2t for fusing
Surge (non-repetitive) on-state current
I
TSM
V
R = 50% VRRM
10ms half sine;
T
j = 125
oC
10ms half sine;
T
j = 125
oC
I
2t
A
Symbol
Parameter
Conditions
Linear rate of rise of off-state voltage
200*
mA
V/
µs
On-state voltage
V
TM
I
RRM/IDRM
Peak reverse and off-state current
To 67% V
DRM Tj = 125
oC
At V
RRM/VDRM, Tj = 125
oC
At 500A, T
case = 25
oC - See Note 1
Rate of rise of on-state current
V
T(TO)
Threshold voltage
V
0.98
From 67% V
DRM to 500A
Repetitive 50Hz
Gate source 10V, 5
Ω
Rise time 0.5
µs, T
j =125
oC
m
Ω
0.75
At T
vj = 125
oC - See Note 1
At T
vj = 125
oC - See Note 1
r
T
On-state slope resistance
* Higher dV/dt values available, contact factory for particular requirements.
Note 1: The data given in this datasheet with regard to forward voltage drop is for calculation of the power dissipation in the
semiconductor elements only. Forward voltage drops measured at the power terminals of the module will be in excess of these
figures due to the impedance of the busbar from the terminal to the semiconductor.
A
231000
V
R = 0
V
R = 50% VRRM
150000
Units
Max.
1.3
V
30
100
A/
µs
Symbol
Parameter
Conditions
oC/W
Units
oC/W
oC/W
Thermal resistance - case to heatsink
per Thyristor or Diode
R
th(j-c)
Virtual junction temperature
T
vj
oC
oC
T
sto
Storage temperature range
Mounting torque = 5Nm
with mounting compound
3 phase
halfwave
dc
Commoned terminals to base plate
AC RMS, 1min, 50Hz
Max.
0.23
Thermal resistance - junction to case
per Thyristor or Diode
R
th(c-hs)
oC/W
0.05
Isolation voltage
V
isol
2.5
0.21
0.22
125
-40 to 125
kV
dI/dt
dV/dt
SURGE RATINGS - PER ARM
THERMAL & MECHANICAL RATINGS
DYNAMIC CHARACTERISTICS - THYRISTOR



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com