Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP03/175-12 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # MP03/175-12
Description  Phase Control Dual SCR, SCR/Diode Modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP03/175-12 Datasheet(HTML) 3 Page - Dynex Semiconductor

  MP03/175-12 Datasheet HTML 1Page - Dynex Semiconductor MP03/175-12 Datasheet HTML 2Page - Dynex Semiconductor MP03/175-12 Datasheet HTML 3Page - Dynex Semiconductor MP03/175-12 Datasheet HTML 4Page - Dynex Semiconductor MP03/175-12 Datasheet HTML 5Page - Dynex Semiconductor MP03/175-12 Datasheet HTML 6Page - Dynex Semiconductor MP03/175-12 Datasheet HTML 7Page - Dynex Semiconductor MP03/175-12 Datasheet HTML 8Page - Dynex Semiconductor MP03/175-12 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MP03XXX 175 Series
3/10
Symbol
Parameter
Conditions
Gate non-trigger voltage
V
Units
Max.
3.0
0.25
Typ.
mA
V
V
GD
Gate trigger voltage
150
V
GT
I
GT
Gate trigger current
V
DRM= 5V, Tcase = 25
oC
V
DRM = 5V,
T
case = 25
oC
V
DRM = 5V, Tcase = 25
oC
-
-
-
V
30
0.25
V
V
RGM
Peak reverse gate voltage
V
5.0
-
A
-
-
-
10
I
FGM
Peak forward gate current
Peak forward gate voltage
V
FGM
V
FGN
Peak forward gate voltage
Anode positive with respect to cathode
Anode negative with respect to cathode
Anode positive with respect to cathode
P
GM
P
G(AV)
Peak gate power
Mean gate power
t
p = 25µs-
-
100
5
W
W
Adequate heatsinking is required to maintain the base temperature
at 75
oC if full rated current is to be achieved. Power dissipation
may be calculated by use of V
T(TO) and rT information in accordance
with standard formulae. We can provide assistance with
calculations or choice of heatsink if required.
The heatsink surface must be smooth and flat; a surface finish of
N6 (32
µin) and a flatness within 0.05mm (0.002") are
recommended.
Immediately prior to mounting, the heatsink surface should be
lightly scrubbed with fine emery, Scotch Brite or a mild chemical
etchant and then cleaned with a solvent to remove oxide build up
and foreign material. Care should be taken to ensure no foreign
particles remain.
An even coating of thermal compound (eg. Unial) should be
applied to both the heatsink and module mounting surfaces. This
should ideally be 0.05mm (0.002") per surface to ensure optimum
thermal performance.
After application of thermal compound, place the module squarely
over the mounting holes, (or 'T' slots) in the heatsink. Using a
torque wrench, slowly tighten the recommended fixing bolts at
each end, rotating each in turn no more than 1/4 of a revolution at
a time. Continue until the required torque of 5Nm (44lb.ins) is
reached at both ends.
It is not acceptable to fully tighten one fixing bolt before starting to
tighten the others. Such action may DAMAGE the module.
Part number is made up as follows:
MP03 HBT 175 - 12
MP
= Pressure contact module
03
= Outline type
HBT = Circuit configuration code (see "circuit options" - front page)
175
= Nominal average current rating at T
case = 75
oC
12
= V
RRM/100
Examples:
MP03 HBP175-12
MP03 HBN175-16
MP03 HBT175-10
NOTE: Diode ratings and characteristics are comparable with the SCR in types HBP or HBN.
Types HBP and HBN can also be supplied with diode polarity reversed, to special order.
GATE TRIGGER CHARACTERISTICS AND RATINGS
ORDERING INSTRUCTIONS
MOUNTING RECOMMENDATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com