Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST715 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST715
Description  High input voltage, 85 mA LDO linear regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST715 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST715 Datasheet HTML 14Page - STMicroelectronics ST715 Datasheet HTML 15Page - STMicroelectronics ST715 Datasheet HTML 16Page - STMicroelectronics ST715 Datasheet HTML 17Page - STMicroelectronics ST715 Datasheet HTML 18Page - STMicroelectronics ST715 Datasheet HTML 19Page - STMicroelectronics ST715 Datasheet HTML 20Page - STMicroelectronics ST715 Datasheet HTML 21Page - STMicroelectronics ST715 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Package mechanical data
ST715
18/24
DocID14414 Rev 9
Table 10. DFN8 (3x3 mm) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0
0.02
0.05
A3
0.20
b
0.25
0.30
0.35
D
2.85
3
3.15
D2
1.603
1.753
1.853
E
2.85
3
3.15
E2
1.345
1.495
1.595
e0.65
L
0.30
0.40
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com