Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP-CF016GL9FS-NR Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AP-CF016GL9FS-NR
Description  Specifications for Industrial CompactFlash Card
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF016GL9FS-NR Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AP-CF016GL9FS-NR Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-CF016GL9FS-NR Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-CF016GL9FS-NR Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF016GL9FS-NR Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF016GL9FS-NR Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF016GL9FS-NR Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-CF016GL9FS-NR Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-CF016GL9FS-NR Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-CF016GL9FS-NR Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Compact Flash 5 series
AP-CFxxxxL9XS-XXXXXX
7
© 2012 Apacer Technology Inc.
Rev. 1.2
5. Software Interface
5.1 CF-ATA Command Set
Table 5-1 summarizes the CF-ATA command set with the paragraphs that follow describing the individual
commands and the task file for each.
Table 5-1: CFC-ATA command set
Command
Code
FR
1
SC
2
SN
3
CY
4
DH
5
LBA
6
Check-Power-Mode
E5H or 98H
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
D
8
-
-
-
-
Execute-Drive-Diagnostic
90H
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
D
-
-
-
-
Erase-Sector(s)
C0H
-
-
-
-
Y
7
Y
Y
Y
8
Y
Flush-Cache
E7H
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
D
-
-
-
-
Format-Track
50H
-
-
-
-
Y
-
-
-
-
Y
Y
Y
Identify-Drive
ECH
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
D
-
-
-
-
Idle
E3H or 97H
-
-
-
-
Y
-
-
-
-
-
-
-
-
D
-
-
-
-
Idle-Immediate
E1H or 95H
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
D
-
-
-
-
Initialize-Drive-Parameters
91H
-
-
-
-
Y
-
-
-
-
-
-
-
-
Y
-
-
-
-
NOP
00H
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
D
-
-
-
-
Read-Buffer
E4H
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
D
-
-
-
-
Read-Multiple
C4H
-
-
-
-
Y
Y
Y
Y
Y
Read-Sector(s)
20H or 21H
-
-
-
-
Y
Y
Y
Y
Y
Read-Verify-Sector(s)
40H or 41H
-
-
-
-
Y
Y
Y
Y
Y
Recalibrate
1XH
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
D
-
-
-
-
Request-Sense
03H
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
D
-
-
-
-
Seek
7XH
-
-
-
-
-
-
-
-
Y
Y
Y
Y
Set-Features
EFH
Y
-
-
-
-
-
-
-
-
-
-
-
-
D
-
-
-
-
Set-Multiple-mode
C6H
-
Y
-
-
D
-
Set-Sleep-Mode
E6H or 99H
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
D
-
-
-
-
Standby
E2H or 96H
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
D
-
-
-
-
Standby-Immediate
E0H or 94H
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
D
-
-
-
-
Translate-Sector
87H
-
-
-
-
Y
Y
Y
Y
Y
Write-Buffer
E8H
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
D
-
-
-
-
Write-Multiple
C5H
-
-
-
-
Y
7
Y
Y
Y
Y
Write-Multiple-Without-Erase
CDH
-
-
-
-
Y
Y
Y
Y
Y
Write-Sector(s)
30H or 31H
-
-
-
-
Y
Y
Y
Y
Y
Write-Sector(s)-Without-Erase
38H
-
-
-
-
Y
Y
Y
Y
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com