Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP-CF032GL9FS-RM Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AP-CF032GL9FS-RM
Description  Specifications for Industrial CompactFlash Card
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF032GL9FS-RM Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AP-CF032GL9FS-RM Datasheet HTML 2Page - List of Unclassifed Manufacturers AP-CF032GL9FS-RM Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-CF032GL9FS-RM Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-CF032GL9FS-RM Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-CF032GL9FS-RM Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF032GL9FS-RM Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF032GL9FS-RM Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF032GL9FS-RM Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-CF032GL9FS-RM Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Compact Flash 5 series
AP-CFxxxxL9XS-XXXXXX
5
© 2012 Apacer Technology Inc.
Rev. 1.2
Table 3-1: Pin assignments (2 of 2)
Memory card mode
I/O card mode
True IDE mode
Pin No.
Signal name
Pin I/O type
Signal name
Pin I/O type
Signal name
Pin I/O type
42
#WAIT
O
#WAIT
O
IORDY
O
43
#INPACK
O
#INPACK
O
DMARQ
2
O
44
#REG
I
#REG
I
DMACK
2
I
45
BVD2
O
#SPKR
O
#DASP
I/O
46
BVD1
O
#STSCHG
O
#PDIAG
I/O
47
D8
I/O
D8
I/O
D8
I/O
48
D9
I/O
D9
I/O
D9
I/O
49
D10
I/O
D10
I/O
D10
I/O
50
GND
-
GND
-
GND
-
1.
The signal should be grounded by the host.
2.
Connection required when UDMA is in use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com