Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NDF65316 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # NDF65316
Description  Fast Recovery Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

NDF65316 Datasheet(HTML) 6 Page - Dynex Semiconductor

  NDF65316 Datasheet HTML 1Page - Dynex Semiconductor NDF65316 Datasheet HTML 2Page - Dynex Semiconductor NDF65316 Datasheet HTML 3Page - Dynex Semiconductor NDF65316 Datasheet HTML 4Page - Dynex Semiconductor NDF65316 Datasheet HTML 5Page - Dynex Semiconductor NDF65316 Datasheet HTML 6Page - Dynex Semiconductor NDF65316 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NDF653
6/7
PACKAGE DETAILS
For further package information, please contact your local Customer Service Centre. All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
Ø34
Ø54
Ø60
Ø34
2 holes Ø3.6
±0.2 depth 2.1 ± 0.5 (one in each electrode)
Cathode
Anode
Nominal weight: 125g
Clamping force: 10kN
±10%
Package outine type code: CB479
ASSOCIATED PUBLICATIONS
Title
Application Note
Number
Calculating the junction temperature or power semiconductors
AN4506
Recommendations for clamping power semiconductors
AN4839
Thyristor and diode measurement with a multi-meter
AN4853
Use of V
TO
, r
T
on-state characteristic
AN5001



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com