Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M79H Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M79H
Description  Double-Balanced Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M79H Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M79H Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M79H Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Double-Balanced Mixer
Rev. V3
M79H / M79HC
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• LO 5 TO 18 GHz
• RF 7 TO 18 GHz
• IF DC TO 3000 MHz
• LO DRIVE: +20 dBm (NOMINAL)
• HIGH THIRD-ORDER I.P. +24 dBm (TYP.)
Description
The M79H is a double balanced mixer, designed for use in mili-
tary, commercial and test equipment applications. This mixer can
also be used as a phase detector or bi-phase modulator since the
IF port is DC coupled to the diodes.
Environmental screening
available to MIL-STD-202, and MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
M79H
Minpac
M79HC
SMA Connectorized
Electrical Specifications: Z0 = 50Ω Lo = +20 dBm (Downconverter application only)
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-54º to +85ºC
SSB Conversion Loss
(max) & SSB Noise
Figure (max)
fR = 7 to 15 GHz, fL = 6 to 15 GHz, fI = 30 to 1000 MHz
fR = 7 to 16 GHz, fL = 5 to 18 GHz, fI = 30 to 2000 MHz
fR = 7 to 16 GHz, fL = 5 to 18 GHz, fI = 30 to 3000 MHz
fR = 16 to 18 GHz, fL = 5 to 15 GHz, fI = 30 to 3000 MHz
dB
dB
dB
dB
6.5
7.0
7.5
8.5
8.0
8.5
9.5
10.0
8.3
8.8
9.8
10.3
Isolation, L to R (min)
fL = 5 to 14 GHz
fL = 14 to 18 GHz
dB
dB
35
30
23
20
22
19
Isolation, L to I (min)
fL = 5 to 9 GHz
fL = 9 to 18 GHz
dB
dB
27
35
17
25
16
24
1 dB Conversion Comp.
fL = +20 dBm
dBm
+15
Input IP3
fR1=13 GHz at 0 dBm,fR2=13.01GHz at 0 dBm,
fL = 14 GHz at = 20 dBm
dBm
+24
Product Image


Similar Part No. - M79H

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M79H MACOM-M79H Datasheet
335Kb / 2P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M79H MA-COM-M79H Datasheet
1Mb / 2P
Double-Balanced Mixer
logo
Tyco Electronics
M79HC MACOM-M79HC Datasheet
335Kb / 2P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M79HC MA-COM-M79HC Datasheet
1Mb / 2P
Double-Balanced Mixer
M79HC MA-COM-M79HC Datasheet
1Mb / 2P
Double-Balanced Mixer
More results

Similar Description - M79H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M1G MA-COM-M1G Datasheet
97Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com