Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP-CF128MR9NS-RMA Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AP-CF128MR9NS-RMA
Description  CompactFlash Series 5 Specifications for Industrial CompactFlash Card
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF128MR9NS-RMA Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AP-CF128MR9NS-RMA Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF128MR9NS-RMA Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF128MR9NS-RMA Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-CF128MR9NS-RMA Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-CF128MR9NS-RMA Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-CF128MR9NS-RMA Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-CF128MR9NS-RMA Datasheet HTML 13Page - List of Unclassifed Manufacturers AP-CF128MR9NS-RMA Datasheet HTML 14Page - List of Unclassifed Manufacturers AP-CF128MR9NS-RMA Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Compact Flash 5 series
AP-CFxxxxRXXS-XXXXXXA
10
© 2013 Apacer Technology Inc.
Rev. 1.2
6. Electrical Specification
Caution: Absolute Maximum Stress Ratings – Applied conditions greater than those listed under
“Absolute Maximum Stress Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these conditions or conditions greater than those defined in
the operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating
conditions may affect device reliability.
Table 6-1: Operating range
Standard Operating Temperature
0°C to +70°C
Extended Operating Temperature
-40°C to +85°C
5
V± 5% (4.75-5.25V)
Supply voltage
3.3V
± 5% (3.135-3.465V)
Table 6-2: Absolute maximum power pin stress ratings
Parameter
Symbol
Conditions
Input Power
VDD
-0.3V min. to 6.5V max.
Voltage on any pin except VDD with respect to GND
V
-0.5V min. to VDD + 0.5V max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com