Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP-CF016GK7FS-RM Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AP-CF016GK7FS-RM
Description  Value Added CompactFlash Series5
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF016GK7FS-RM Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AP-CF016GK7FS-RM Datasheet HTML 1Page - List of Unclassifed Manufacturers AP-CF016GK7FS-RM Datasheet HTML 2Page - List of Unclassifed Manufacturers AP-CF016GK7FS-RM Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-CF016GK7FS-RM Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-CF016GK7FS-RM Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-CF016GK7FS-RM Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF016GK7FS-RM Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF016GK7FS-RM Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF016GK7FS-RM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Compact Flash 5 series
AP-CFxxxxK7XS-XXXXXX
1. General Description
Apacer’s value-added Industrial CompactFlash Card offers high performance, high reliability and power-
efficient storage. Regarding standard compliance, this CompactFlash Card complies with CompactFlash
specification revision 4.1, supporting transfer modes up to Programmed Input Output (PIO) Mode 6, Multi-
word Direct Memory Access (DMA) Mode 4, Ultra DMA Mode 6, and PCMCIA Ultra DMA Mode 6.
For power efficiency, this industrial CompactFlash card supports some power smart design mechanisms
such as Power-On-Reset, voltage regulator for output voltage adjustments and power failure protection,
as well as the automatic sleep and wake-up feature. In terms of security, it comes with a hardware write
protect switch.
Apacer’s value-added CFC provides complete PCMCIA - ATA functionality and compatibility. Apacer ‘s
CompactFlash technology is designed for applications in Point of Sale (POS) terminals, telecom, IP-STB,
medical instruments, surveillance systems, industrial PCs and handheld applications such as the new
generation of Digital Single Lens Reflex (DSLR) cameras.
1.1 Performance-Optimized Controller
The CompactFlash Card Controller translates standard CF signals into flash media data and control
signals.
1.1.1 Power Management Unit (PMU)
The power management unit (PMU) controls the power consumption of the CompactFlash card controller.
It reduces the power consumption of the CompactFlash Card Controller by putting circuitry not in
operation into sleep mode. The PMU has zero wake-up latency.
1.1.2 SRAM Buffer
The CompactFlash Card Controller performs as an SRAM buffer to optimize the host’s data transfer to
and from the flash media.
1.1.3 Embedded Flash File System
The embedded Flash File System (FFS) is an integral part of the CompactFlash controller. It contains the
MCU firmware to perform the following tasks:
1.
Translate host side signals into flash media writes and reads
2.
Provide dynamic data flash media wear leveling to spread the flash writes across all unused
memory address space to increase the longevity of flash media
3.
Keep track of data file structures
1.1.4 Error Correction Code (ECC)
The CompactFlash card is programmed with BCH Error Detection Code (EDC) and Error Correction Code
(ECC) algorithms capable of correcting up to 24 random bits in 1,024 bytes data.
High performance is achieved through hardware-based error detection and correction.
3
© 2011 Apacer Technology Inc.
Rev. 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com