Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP-CF064GR7FS-RM Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AP-CF064GR7FS-RM
Description  CompactFlash Series 5 Specifications for Industrial CompactFlash Card
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF064GR7FS-RM Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AP-CF064GR7FS-RM Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-CF064GR7FS-RM Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF064GR7FS-RM Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF064GR7FS-RM Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF064GR7FS-RM Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-CF064GR7FS-RM Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-CF064GR7FS-RM Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-CF064GR7FS-RM Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-CF064GR7FS-RM Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Compact Flash 5 series
AP-CFxxxxRXXS-XXXXXXA
8
© 2013 Apacer Technology Inc.
Rev. 1.2
4.3 Environmental Specifications
Environmental specification of the Compact Flash Card series (CFC) which follows the MIL-STD-810F
standards is available as shown in Table 4-3.
Table 4-3: Environmental specifications
Environment
Specification
Operation
0°C to 70°C; -40°C to 85°C (Extended Temperature)
Temperature
Storage
-40°C to 100°C
Vibration (Non-Operation)
Sine wave : 10~2000Hz, 15G (X, Y, Z axes)
Shock (Non-Operation)
Half sine wave 1,500G (X, Y, Z ; All 6 axes)
4.4 Certification & Compliance
The CompactFlash card complies with the following global standards:
CE
FCC
Halogen-free
CompactFlash Association Specification Revision 4.1
EMC
4.5 Endurance
The endurance of a storage device is predicted by TeraBytes Written based on several factors related to
usage, such as the amount of data written into the drive, block management conditions, and daily
workload for the drive. Thus, key factors, such as Write Amplifications and the number of P/E cycles, can
influence the lifespan of the drive.
Capacity
TeraBytes Written
128 MB
0.5
256 MB
1.1
512 MB
2.3
1 GB
4.5
2 GB
9.1
4 GB
18.2
8 GB
36.5
16 GB
73.0
32 GB
146.0
64 GB
292.1
Notes:
The measurement assumes the data written to the SSD for test is under a typical and constant rate.
The measurement follows the standard metric: 1 TB (Terabyte) = 1000 GB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com