Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP-CF064GR7FS-NDRM Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AP-CF064GR7FS-NDRM
Description  CompactFlash Series 5 Specifications for Industrial CompactFlash Card
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF064GR7FS-NDRM Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AP-CF064GR7FS-NDRM Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-CF064GR7FS-NDRM Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-CF064GR7FS-NDRM Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF064GR7FS-NDRM Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF064GR7FS-NDRM Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF064GR7FS-NDRM Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-CF064GR7FS-NDRM Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-CF064GR7FS-NDRM Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-CF064GR7FS-NDRM Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Compact Flash 5 series
AP-CFxxxxRXXS-XXXXXXA
7
© 2013 Apacer Technology Inc.
Rev. 1.2
4. Product Specification
4.1 Capacity
Capacity specification of the Compact Flash Card series (CFC) is available as shown in Table 4-1. It lists
the specific capacity and the default numbers of heads, sectors and cylinders for each product line.
Table 4-1: Capacity specifications
Capacity
Total bytes
1
Cylinders
Heads
Sectors
Max LBA
128 MB
128,450,560
980
8
32
250,880
256 MB
256,901,120
980
16
32
501,760
512 MB
512,483,328
993
16
63
1,000,944
1GB
1,024,966,656
1,986
16
63
2,001,888
2GB
2,048,901,120
3,970
16
63
4,001,760
4GB
4,110,188,544
7,964
16
63
8,027,712
8GB
8,195,604,480
15,880
16
63
16,007,040
16GB
16,391,340,032
16,383
16
63
32,014,336
32GB
32,019,316,736
16,383
16
63
62,537,728
64 GB
64,030,244,864
16,383
16
83
125,059,072
Notes:
Display of total bytes varies from operating systems.
Cylinders, heads or sectors are not applicable for these capacities. Only LBA addressing applies
Notes: 1 GB = 1,000,000,000 bytes; 1 sector = 512 bytes.
LBA count addressed in the table above indicates total user storage capacity and will remain the same throughout the lifespan of the
device. However, the total usable capacity of the SSD is most likely to be less than the total physical capacity because a small portion
of the capacity is reserved for device maintenance usages.
4.2 Performance
Performances of the CF cards are listed in Table 4-2
Table 4-2: Performance specifications
Capacity
Performance
128 MB
256 MB
512 MB
1 GB
2 GB
4 GB
8 GB
16 GB
32 GB
64 GB
Sustained
read (MB/s)
21
24
47
45
55
55
55
48
57
50
Sustained
write (MB/s)
6
6
22
19
25
35
42
38
27
26
Notes: performance may vary depending on flash configurations or host system settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com