Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP-CF256MA5FS-RM Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AP-CF256MA5FS-RM
Description  Compact Flash 4 Series
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF256MA5FS-RM Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AP-CF256MA5FS-RM Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-CF256MA5FS-RM Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-CF256MA5FS-RM Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF256MA5FS-RM Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF256MA5FS-RM Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF256MA5FS-RM Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-CF256MA5FS-RM Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-CF256MA5FS-RM Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-CF256MA5FS-RM Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Compact Flash 4 series
AP-CFxxxxA5XS-XXXXXX
7
© 2009 Apacer Technology Inc.
Rev. 1.1
4. Capacity Specification
Capacity specification of Compact Flash 4 series is available as shown in Table 4-1. It lists the specific
capacity and the default numbers of heads, sectors and cylinders for each product line.
Table 4-1: Capacity specifications
Capacity
Total bytes
1,2
Cylinders
Heads
Sectors
Max LBA
256 MB
256,901,120
980
16
32
501,760
512 MB
512,483,328
993
16
63
1,000,944
1GB
1,024,966,656
1,986
16
63
2,001,888
2GB
2,048,901,120
3,970
16
63
4,001,760
4GB
4,110,188,544
7,964
16
63
8,027,712
8GB
8,195,604,480
15,880
16
63
16,007,040
16GB
16,391,208,960
16,383
3
16
63
32,014,080
1. Total bytes includes reserved block.
2. Display of total bytes varies from operating systems.
3. Cylinders, heads or sectors are not applicable for these capacities. Only LBA addressing applies
4.1 Performance Specification
Performances of Compact Flash 4 are listed below.
Table 4-2: Performance specifications
Capacity
Performance
256 MB
512 MB
1 GB/ 2 GB
4 GB/ 8 GB
16 GB
Sustained read (MB/s)
32
43
46
50
Sustained write (MB/s)
10
15~17
17
21
4.2 Environmental Specifications
Environmental specification of Compact Flash 4 series follows the MIL-STD-810F standards as shown in
Table 4-3.
Table 4-3: Environmental specifications
Environment
Specification
Operation
0°C to 70°C; -40°C to 85°C (Extended Temperature)
Temperature
Storage
-40°C to 100°C
Humidity
5% to 95% RH (Non-condensing)
Vibration (Non-Operation)
Sine wave: 10~2000Hz, 15G (X, Y, Z axes)
Shock (Non-Operation)
Half sine wave, Peak acceleration 50 G, 11 ms (X, Y, Z ; All 6 axes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com