Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA329Q Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # TA329Q
Description  Asymmetric Thyristor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

TA329Q Datasheet(HTML) 2 Page - Dynex Semiconductor

  TA329Q Datasheet HTML 1Page - Dynex Semiconductor TA329Q Datasheet HTML 2Page - Dynex Semiconductor TA329Q Datasheet HTML 3Page - Dynex Semiconductor TA329Q Datasheet HTML 4Page - Dynex Semiconductor TA329Q Datasheet HTML 5Page - Dynex Semiconductor TA329Q Datasheet HTML 6Page - Dynex Semiconductor TA329Q Datasheet HTML 7Page - Dynex Semiconductor TA329Q Datasheet HTML 8Page - Dynex Semiconductor TA329Q Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TA329..Q
2/10
THERMAL AND MECHANICAL DATA
dc
Conditions
Min.
Max.
Units
oC/W
-
0.153
Anode dc
Clamping force 4.0kN
with mounting compound
Thermal resistance - case to heatsink
R
th(c-h)
0.02
Double side
-
125
oC
T
vj
Virtual junction temperature
T
stg
Storage temperature range
Reverse (blocking)
Single side
-
Thermal resistance - junction to case
R
th(j-c)
Single side cooled
Symbol
Parameter
Clamping force
3.6
4.4
kN
-40
150
oC
-
On-state (conducting)
-
135
oC
-
0.04
oC/W
oC/W
Cathode dc
-
0.204
oC/W
Double side cooled
-
0.085
oC/W
DYNAMIC CHARACTERISTICS
V
TM
Parameter
Symbol
Conditions
Maximum on-state voltage
At 600A peak, T
case = 125
oC
I
RRM
Peak reverse current
At V
RRM, Tcase = 125
oC
Gate source 20V, 20
t
r ≤ 5µs.
dV/dt
Maximum linear rate of rise of off-state voltage
To 60% V
DRM Tj = 125
oC, Gate open circuit
Min.
Max.
Units
-
2.5
V
-30
mA
-
1000
V/
µs
-
1000
A/
µs
Rate of rise of on-state current
dI/dt
t
q
Max. gate assisted turn-off time
(with feedback diode)
T
j = 125
oC, I
T(PK) = 200A,
t
p = 25µs (half sine wave),
V
R = DF451 Diode voltage drop,
dV/dt = 600V/
µs (linear to 60% V
DRM),
V
GK = -5V
7
-
µs
I
DRM
Off-state current
At V
DRM, Tcase = 125
oC-
1
mA
Non-repetitive
-
500
A/
µs
Repetitive
t
q
Max. turn-off time
(with feedback diode)
T
j = 125
oC, I
TM = 100A,
t
p > 100µs, dIR/dt = 30A/µs, VR = 1V,
dV/dt = 600V/
µs (linear to 60% V
DRM),
Gate open.
10
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com