Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF447 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # TF447
Description  Fast Switching Thyristor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

TF447 Datasheet(HTML) 1 Page - Dynex Semiconductor

  TF447 Datasheet HTML 1Page - Dynex Semiconductor TF447 Datasheet HTML 2Page - Dynex Semiconductor TF447 Datasheet HTML 3Page - Dynex Semiconductor TF447 Datasheet HTML 4Page - Dynex Semiconductor TF447 Datasheet HTML 5Page - Dynex Semiconductor TF447 Datasheet HTML 6Page - Dynex Semiconductor TF447 Datasheet HTML 7Page - Dynex Semiconductor TF447 Datasheet HTML 8Page - Dynex Semiconductor TF447 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TF447..A
1/13
APPLICATIONS
s High Power Inverters And Choppers
s UPS
s Railway Traction
s Induction Heating
s AC Motor Drives
s Cycloconverters
FEATURES
s Double Side Cooling
s High Surge Capability
s High Voltage
VOLTAGE RATINGS
KEY PARAMETERS
V
DRM
1200V
I
T(RMS)
470A
I
TSM
5000A
dV/dt
200V/
µs
dI/dt
500A/
µs
t
q
20
µs
Conditions
V
RSM = VRRM + 100V
I
DRM = IRRM = 25mA
at V
RRM or VDRM & Tvj
Repetitive
Peak
Voltages
V
DRM VRRM
Type Number
1200
1000
Lower voltage grades available.
TF447 12A
TF447 10A
Outline type code: MU86
See Package Details for further information.
CURRENT RATINGS
Parameter
Conditions
Max.
Units
Mean on-state current
RMS value
Half sinewave, 50Hz, T
case = 80
oC
Half sinewave, 50Hz, T
case = 80
oC
300
470
A
A
Symbol
I
T(AV)
I
T(RMS)
TF447..A
Fast Switching Thyristor
Replaces March 1998 version, DS4273-2.4
DS4273-3.0 January 2000


Similar Part No. - TF447

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
TF440 DYNEX-TF440 Datasheet
249Kb / 13P
Fast Switching Thyristor
logo
Allen-Bradley
TF440 ALLEN-BRADLEY-TF440 Datasheet
11Mb / 114P
IEC Contactor Specifications
2021
logo
Dynex Semiconductor
TF44014C DYNEX-TF44014C Datasheet
249Kb / 13P
Fast Switching Thyristor
TF44016C DYNEX-TF44016C Datasheet
249Kb / 13P
Fast Switching Thyristor
TF44018C DYNEX-TF44018C Datasheet
249Kb / 13P
Fast Switching Thyristor
More results

Similar Description - TF447

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
TF219 DYNEX-TF219 Datasheet
252Kb / 13P
Fast Switching Thyristor
TF440 DYNEX-TF440 Datasheet
249Kb / 13P
Fast Switching Thyristor
TF708 DYNEX-TF708 Datasheet
250Kb / 13P
Fast Switching Thyristor
TF915 DYNEX-TF915 Datasheet
236Kb / 13P
Fast Switching Thyristor
logo
List of Unclassifed Man...
ATF1040 ETC2-ATF1040 Datasheet
41Kb / 3P
FAST SWITCHING THYRISTOR
logo
Power Semiconductors
ATF1040 POSEICO-ATF1040 Datasheet
81Kb / 3P
FAST SWITCHING THYRISTOR
ATF401 POSEICO-ATF401 Datasheet
81Kb / 3P
FAST SWITCHING THYRISTOR
ATF413 POSEICO-ATF413 Datasheet
68Kb / 2P
FAST SWITCHING THYRISTOR
ATF416 POSEICO-ATF416 Datasheet
81Kb / 3P
FAST SWITCHING THYRISTOR
ATF515 POSEICO-ATF515 Datasheet
122Kb / 6P
FAST SWITCHING THYRISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com