Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TK18 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # TK18
Description  Phase Control Thyristor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

TK18 Datasheet(HTML) 2 Page - Dynex Semiconductor

  TK18 Datasheet HTML 1Page - Dynex Semiconductor TK18 Datasheet HTML 2Page - Dynex Semiconductor TK18 Datasheet HTML 3Page - Dynex Semiconductor TK18 Datasheet HTML 4Page - Dynex Semiconductor TK18 Datasheet HTML 5Page - Dynex Semiconductor TK18 Datasheet HTML 6Page - Dynex Semiconductor TK18 Datasheet HTML 7Page - Dynex Semiconductor TK18 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2/8
www.dynexsemi.com
TK18
SURGE RATINGS
Conditions
10ms half sine; T
case = 125
oC
V
R = 50% VRRM - 1/4 sine
10ms half sine; T
case = 125
oC
V
R = 0
Max.
Units
Symbol
Parameter
I
TSM
Surge (non-repetitive) on-state current
I
2tI2t for fusing
I
TSM
Surge (non-repetitive) on-state current
I
2t
I
2t for fusing
20.0 x 10
3
A
2s
2.0
kA
12.8 x 103
A2s
1.6
kA
THERMAL AND MECHANICAL DATA
Conditions
Min.
Max.
Units
Symbol
Parameter
-
0.24
oC/W
Thermal resistance - junction to case
R
th(j-c)
Mounting torque 15.0Nm
with mounting compound
0.08
-
oC/W
Thermal resistance - case to heatsink
R
th(c-h)
125
oC
T
vj
Virtual junction temperature
T
stg
Storage temperature range
Reverse (blocking)
-
Mounting torque
12.0
15.0
Nm
–40
150
oC
-
On-state (conducting)
-
125
oC
dc
T
case = 80˚C unless stated otherwise.
Symbol
Parameter
Conditions
Units
Max.
I
T(AV)
Mean on-state current
I
T(RMS)
RMS value
I
T
Continuous (direct) on-state current
Half wave resistive load
115
A
-
180
A
-
155
A
CURRENT RATINGS
T
case = 60˚C unless stated otherwise.
Symbol
Parameter
Conditions
Units
Max.
I
T(AV)
Mean on-state current
I
T(RMS)
RMS value
I
T
Continuous (direct) on-state current
Half wave resistive load
152
A
-
239
A
-
206
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com