Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2375CBZ Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2375CBZ
Description  Dimensions shown in millimeters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2375CBZ Datasheet(HTML) 1 Page - Analog Devices

  SSM2375CBZ Datasheet HTML 1Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A–A
SECTION B–B
B
B
SECTION
Bo
Ko
A
A
4.10
4.00
3.90
3.55
3.50
3.45
1.85
1.75
1.65
1.60
1.50
1.40
2.05
2.00
1.95
4.10
4.00
3.90
8.30
8.00
7.90
0.274
0.254
0.234
Bo =
2.53
2.48
2.43
5
∞MAX
Ko =
1.00
0.95
0.90
0.274
0.254
0.234
5
∞MAX
Ao =
1.42
1.37
1.32
Ao
Tape and Reel Dimensions
(WLCSP)
Dimensions shown in millimeters
a


Similar Part No. - SSM2375CBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2375 AD-SSM2375 Datasheet
1Mb / 13P
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
Rev. PrC
More results

Similar Description - SSM2375CBZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TO247 ETC-TO247 Datasheet
39Kb / 2P
HEXFET TO-247AC Outline Dimensions are shown in millimeters (inches)
logo
Analog Devices
CB-9-1 AD-CB-9-1 Datasheet
91Kb / 1P
9-Ball Wafer Level Chip Scale Package [WLCSP] Dimensions shown in millimeters
ML-24-5 AD-ML-24-5 Datasheet
163Kb / 1P
24-Lead Module with Connector Interface. Dimensions shown in millimeters.
RM-8 AD-RM-8 Datasheet
127Kb / 1P
8-Lead Mini Small Outline Package [MSOP] Dimensions shown in millimeters
logo
PUI audio inc.
SMT-0824-TW-5V-R PUIAUDIO-SMT-0824-TW-5V-R Datasheet
156Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-0927-S-7-R PUIAUDIO-SMT-0927-S-7-R Datasheet
259Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-0927-S-11-R PUIAUDIO-SMT-0927-S-11-R Datasheet
269Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-0940-T-3V-R PUIAUDIO-SMT-0940-T-3V-R Datasheet
332Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-1220-TW-R PUIAUDIO-SMT-1220-TW-R Datasheet
253Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-1324-TW-1V-R PUIAUDIO-SMT-1324-TW-1V-R Datasheet
159Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com