Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSDM004GD5AN-PT Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # APSDM004GD5AN-PT
Description  SATA-Disk Module 4
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM004GD5AN-PT Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button APSDM004GD5AN-PT Datasheet HTML 4Page - List of Unclassifed Manufacturers APSDM004GD5AN-PT Datasheet HTML 5Page - List of Unclassifed Manufacturers APSDM004GD5AN-PT Datasheet HTML 6Page - List of Unclassifed Manufacturers APSDM004GD5AN-PT Datasheet HTML 7Page - List of Unclassifed Manufacturers APSDM004GD5AN-PT Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM004GD5AN-PT Datasheet HTML 9Page - List of Unclassifed Manufacturers APSDM004GD5AN-PT Datasheet HTML 10Page - List of Unclassifed Manufacturers APSDM004GD5AN-PT Datasheet HTML 11Page - List of Unclassifed Manufacturers APSDM004GD5AN-PT Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
SATA-Disk Module 4
APSDMxxxxX5AN-PXXX
7
© 2013 Apacer Technology Inc.
Rev. 1.3
4. Product Specification
4.1 Capacity
Capacity specification of SDM4 product family is available as shown in Table 4-1. It lists the specific
capacity and the default numbers of heads, sectors and cylinders for each product line.
Table 4-1: Capacity specifications
Capacity
Total bytes*
Cylinders
Heads
Sectors
Max LBA
1 GB
1,011,032,064
1,959
16
63
1,974,672
2 GB
2,011,226,112
3,897
16
63
3,928,176
4 GB
4,011,614,208
7,773
16
63
7,835,184
8 GB
8,012,390,400
15,525
16
63
15,649,200
16 GB
16,013,942,784
16,383
16
63
31,277,232
*Display of total bytes varies from file systems. which means not all of the bytes can be used for storage.
**Cylinders, heads or sectors are not applicable for these capacities. Only LBA addressing applies.
LBA count addressed in the table above indicates total user storage capacity and will remain the same throughout the lifespan of the
device. However, the total usable capacity of the SSD is most likely to be less than the total physical capacity because a small portion
of the capacity is reserved for device maintenance usages.
4.2 ATA Modes Support
SDM4 supports the following ATA operating modes:
Supports up to PIO Mode-4
Supports up to Multi-word DMA Mode-2
Supports up to Ultra DMA Mode-5
4.3 Performance
Performances of SDM4 are listed below in table 4-2.
Table 4-2: Performance (Typical)
Capacity
Performance
1 GB
2 GB
4 GB
8 GB
16 GB
Sustained read (MB/s)
38
43
43
43
43
Sustained write (MB/s)
12
24
24
41
42
Note: Results may differ from various flash configurations or host system settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com