Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSDM032G45AD-AC Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # APSDM032G45AD-AC
Description  SATA-Disk Module 4
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM032G45AD-AC Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button APSDM032G45AD-AC Datasheet HTML 2Page - List of Unclassifed Manufacturers APSDM032G45AD-AC Datasheet HTML 3Page - List of Unclassifed Manufacturers APSDM032G45AD-AC Datasheet HTML 4Page - List of Unclassifed Manufacturers APSDM032G45AD-AC Datasheet HTML 5Page - List of Unclassifed Manufacturers APSDM032G45AD-AC Datasheet HTML 6Page - List of Unclassifed Manufacturers APSDM032G45AD-AC Datasheet HTML 7Page - List of Unclassifed Manufacturers APSDM032G45AD-AC Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM032G45AD-AC Datasheet HTML 9Page - List of Unclassifed Manufacturers APSDM032G45AD-AC Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SATA-Disk Module 4
APSDMxxxx45Ax-AXX
5
© 2011 Apacer Technology Inc.
Rev. 1.0
3. Pin Assignments
SATA Connectors
Table 3-1: Signal segment
Table 3-2: Power segment
Name
Type
Description
Pin
Signal/Description
S1
GND
P1
Unused (3.3V)
S2
RxP
+ Differential Receive Signal
P2
Unused (3.3V)
S3
RxN
- Differential Receive Signal
P3
Unused (3.3V)
S4
GND
P4
Ground
S5
TxN
- Differential Transmit Signal
P5
Ground
S6
TxP
+ Differential Transmit Signal
P6
Ground
S7
GND
P7
5V
P8
5V
P9
5V
P10
Ground
P11
Reserved/Ground
P12
Ground
P13
Unused (12V)
P14
Unused (12V)
P15
Unused (12V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com